Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7900ILCZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7900ILCZ
Description  Ambient Light Photo Detect IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7900ILCZ Datasheet(HTML) 6 Page - Intersil Corporation

  EL7900ILCZ Datasheet HTML 1Page - Intersil Corporation EL7900ILCZ Datasheet HTML 2Page - Intersil Corporation EL7900ILCZ Datasheet HTML 3Page - Intersil Corporation EL7900ILCZ Datasheet HTML 4Page - Intersil Corporation EL7900ILCZ Datasheet HTML 5Page - Intersil Corporation EL7900ILCZ Datasheet HTML 6Page - Intersil Corporation EL7900ILCZ Datasheet HTML 7Page - Intersil Corporation EL7900ILCZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN7377.8
September 18, 2009
brightness and 1.25V represents the maximum. The first
step would be to determine the ratio of R1 and R2:
Next, the value of R2 can be calculated based on the
maximum output current coming from the EL7900 under the
application's maximum light exposure. Suppose the current
has been determined to be about 125µA. Thus, R2 can be
calculated as shown in Equations 5 and 6:
and
In Figure 11, user adjustable bias control has been added to
allow control over the minimum and maximum output
voltage. This allows the user to adjust the output brightness
to personal preference over a limit range via the 3V PWM
control.
Figure 12 shows how a fully manual override can be quickly
added by using the EN pin.
Short Circuit Current Limit
The EL7900 does not limit the output short circuit current. If
the output is directly shorted to the ground continuously, the
output current could easily increase for a strong input light
such that the device may be damaged. Maximum reliability is
maintained if the output continuous current never exceeds
6mA by adding a load resistor at the output. This limit is set
by the design of the internal metal interconnects.
Suggested PCB Footprint
Footprint pads should be a nominal 1-to-1 correspondence
with package pads. The large, exposed central die-mounting
paddle in the center of the package requires neither thermal
nor electrical connections to PCB, and such connections
should be avoided.
Power Supply Bypassing and Printed Circuit
Board Layout
The EL7900 is relatively insensitive to the printed circuit
board layout due to its low speed operation. Nevertheless,
good printed circuit board layout is necessary for optimum
performance. Ground plane construction is highly
recommended, lead length should be as short as possible
and the power supply pins must be well bypassed to reduce
the risk of oscillation. For normal single supply operation,
where the GND pin is connected to ground, a 0.1µF ceramic
capacitor should be placed from VCC pin to GND pin. A
4.7µF tantalum capacitor should then be connected in
parallel, placed close to the device.
R
1
R
2
3.0V
0.25V
----------------
1
⎝⎠
⎛⎞
×
11
R
2
×
==
(EQ. 4)
3V TO 5V
SUPPLY VOLTAGE
3V DC VOLTAGE
EL7900
OUT
EN
GND
VDO
TO INVERTER BRIGHTNESS
CONTROLLER
C1
R2
R1
FIGURE 10. AUTOMATIC DIMMING SOLUTION
10k
25µF
110k
INPUT OR LED DRIVER
R
2
1.25V
125
μA
------------------
⎝⎠
⎛⎞
10k
Ω
==
(EQ. 5)
R
1
11
R
2
×
110k
Ω
==
(EQ. 6)
3V TO 5V
SUPPLY VOLTAGE
3V PWM CONTROL
EL7900
OUT
EN
GND
VDO
FIGURE 11. AUTOMATIC DIMMING SOLUTION WITH
ADJUSTABLE BIAS CONTROL
C1
R2
R1
10k
25µF
110k
TO INVERTER BRIGHTNESS
CONTROLLER
INPUT OR LED DRIVER
3V TO 5V
SUPPLY VOLTAGE
3V PWM CONTROL
EL7900
OUT
EN
GND
VDO
FIGURE 12. AUTOMATIC DIMMING SOLUTION WITH
ADJUSTABLE BIAS CONTROL AND MANUAL
OVERRIDE
ENABLE/
CONTROL
DISABLE
C1
R2
R1
10k
25µF
110k
TO INVERTER
CONTROLLER
BRIGHTNESS
LED DRIVER
INPUT OR
EL7900


Similar Part No. - EL7900ILCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7900ILCZ INTERSIL-EL7900ILCZ Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
EL7900ILCZ RENESAS-EL7900ILCZ Datasheet
448Kb / 8P
   Ambient Light Photo Detect IC
EL7900ILCZ-EVALZ RENESAS-EL7900ILCZ-EVALZ Datasheet
448Kb / 8P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
EL7900ILCZ-T7 INTERSIL-EL7900ILCZ-T7 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
EL7900ILCZ-T7 RENESAS-EL7900ILCZ-T7 Datasheet
448Kb / 8P
   Ambient Light Photo Detect IC
More results

Similar Description - EL7900ILCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
EL7900 RENESAS-EL7900 Datasheet
448Kb / 8P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com