Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6506 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6506
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6506 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6506 Datasheet HTML 1Page - Intersil Corporation ISL6506 Datasheet HTML 2Page - Intersil Corporation ISL6506 Datasheet HTML 3Page - Intersil Corporation ISL6506 Datasheet HTML 4Page - Intersil Corporation ISL6506 Datasheet HTML 5Page - Intersil Corporation ISL6506 Datasheet HTML 6Page - Intersil Corporation ISL6506 Datasheet HTML 7Page - Intersil Corporation ISL6506 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Soft-Start
Figures 3 and 4 show the soft-start sequence for the typical
application start-up into a sleep state. At time T0, 5VSB
(bias) is applied to the circuit. At time T1, the 5VSB
surpasses POR level. Time T2, one soft start interval after
T1, denotes the initiation of soft start. The 3.3VDUAL rail is
brought up through the internal standby LDO through an
internal digital soft start function. Figure 4 shows the 5VDUAL
rail initiating a soft start at time T2 as well. The ISL6506A will
draw 7.5
µA into the 5VDLSB for a duration of one soft start
period. This current will enhance the P-MOSFET (Q2, refer
to Typical Application Schematic) in a controlled manner. At
time T3, the 3.3VDUAL is in regulation and the 5VDLSB pin
is pulled down to ground. If the 5VDUAL rail has not reached
the level of the 5VSB rail by time T3, then the rail will
experience a sudden step as the P-MOSFET gate is fully
enhanced. The soft start profile of the 5VDUAL may be
altered by placing a capacitor between the gate and drain of
the P-MOSFET. Adding this capacitor will increase the gate
capacitance and slow down the start of the 5VDUAL rail.
At time T4, the system has transitioned into S0 state and the
ATX supplies have begun to ramp up. With the ISL6506/B
(Figure 3), the 5VDUAL rail will begin to ramp up from the
5VATX rail through the body diode of the N-MOSFET (Q3).
The ISL6506A will already have the 5VDUAL rail in
regulation (Figure 4). At time T5, the 12VATX rail has
surpassed the 12V POR level. Time T6 is three soft start
cycles after the 12V POR level has been surpassed. At time
T6, three events occur simultaneously. The DLA pin is forced
to a high impedance state which allows the 12V rail to
enhance the two N-MOSFETs (Q1 and Q3) that connect the
ATX rails to the 3.3VDUAL and 5VDUAL rails. The 5VDLSB
pin is forced to a high impedance state which will turn the
P-MOSFET (Q2) off. Finally, the internal LDO which regulates
the 3.3VAUX rail in sleep states in put in standby mode.
Sleep to Wake State Transitions
Figures 3 and 4, starting at time T4, depict the transitions
from sleep states to the S0 wake state. Figure 3 shows the
transition of the ISL6506/B from the S4/S5 state to the S0
state. Figure 4 shows how the ISL6506/B will transition from
the S3 sleep state into S0 state. Figure 3 also shows how
the ISL6506A transitions from either S3 or S4/S5 in the S0
state. For all transitions, T4 depicts the system transition into
the S0 state. Here, the ATX supplies are enabled and begin
to ramp up. At time T5, the 12VATX rail has exceeded the
POR threshold for the ISL6506/B and ISL6506A. Three soft
start periods after time T5, at time T6, three events occur
FIGURE 2. 5VDUAL AND 3.3VAUX TIMING DIAGRAM;
ISL6506A
5VSB
3.3V, 5V, 12V
S3
S5
5VDLSB
DLA
3V3DL
5VDL
0V
TIME
5VSB
(1V/DIV)
FIGURE 3. ISL6506 and ISL6506B SOFT-START INTERVAL
IN S4/S5 STATE AND S5 TO S0 TRANSITION
12VATX (2V/DIV)
5VATX (1V/DIV)
5VDUAL
(1V/DIV)
3.3VDUAL
(2V/DIV)
T1
T2
T3
T0
T5
T4
T6
DLA
(10V/DIV)
3.3VATX (1V/DIV)
FIGURE 4. SOFT START INTERVAL FOR ISL6506A IN S4/S5
AND S5 TO S0 TRANSITION FOR ISL6506A AND
S3 TO S0 TRANSITION FOR ISL6506/A/B
0V
TIME
T1
T2
T3
T0
T5
T4
T6
5VDLSB
(5V/DIV)
5VSB
(1V/DIV)
5VDUAL
(1V/DIV)
3.3VDUAL
(2V/DIV)
DLA
(10V/DIV)
12VATX (2V/DIV)
5VATX (1V/DIV)
3.3VATX (1V/DIV)
ISL6506, ISL6506A, ISL6506B


Similar Part No. - ISL6506

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6506 INTERSIL-ISL6506 Datasheet
229Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
ISL6506A INTERSIL-ISL6506A Datasheet
229Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506A RENESAS-ISL6506A Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
ISL6506ACBZ INTERSIL-ISL6506ACBZ Datasheet
229Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - ISL6506

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com