Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL45042IR-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL45042IR-T
Description  LCD Module Calibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45042IR-T Datasheet(HTML) 6 Page - Intersil Corporation

  ISL45042IR-T Datasheet HTML 1Page - Intersil Corporation ISL45042IR-T Datasheet HTML 2Page - Intersil Corporation ISL45042IR-T Datasheet HTML 3Page - Intersil Corporation ISL45042IR-T Datasheet HTML 4Page - Intersil Corporation ISL45042IR-T Datasheet HTML 5Page - Intersil Corporation ISL45042IR-T Datasheet HTML 6Page - Intersil Corporation ISL45042IR-T Datasheet HTML 7Page - Intersil Corporation ISL45042IR-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN6072.8
July 9, 2008
Table 1 gives the calculated value of VOUT for resistors
values of: RSET = 24.9kΩ, R1 = 200kΩ, R2 = 243kΩ and
AVDD = 10V.
RSET Resistor
The external RSET resistor sets the full-scale sink current that
determines the lowest voltage of the external voltage divider R1
and R2 (see Figure 1). The voltage difference between the
VOUT pin and ISET pin (see Figure 5) has to be greater than
1.75V. This will keep the output MOS transistor in the saturation
region. Expected current settings and 7-bit accuracy occurs
when the output MOS transistor is operating in the saturation
region. Figure 5 shows the internal connection for the output
MOS transistor. The value of the AVDD supply sets the voltage
at the source of the output transistor. This voltage is equal to
(Setting/128) x (AVDD/20). The ISET current is therefore equal
to (Setting/128) x (AVDD/20 x RSET). The value of the Drain
voltage is found using Equation 2. The values of R1 and R2 in
Equation 2, should be determined (setting equal to 128) so the
minimum value of VOUT is greater than 1.75V + AVDD/20.
Power Supply Sequence
The recommendation for power supply sequence would be
to power down the part first (VDD, AVDD), after 100ms if
programming has occurred, and then power-down the
control power supplies (CTL, CE).
Verifying the Programmed Value
The following sequence can be used to verify the
programmed value without having to sequence the VDD
supply. To verify the programmed value, follow the following
steps. The ISL45042 will read memory contents and be set
to that value when the CE pin is grounded.
1. Power-up the ISL45042.
2. CE pin = VDD.
3. Change counter value with CTL pin to desired value.
4. CTL = more than 4.9V and 200ms. Counter value
programmed.
5. Change the counter value with CTL pin to a different
value.
6. CE pin = Ground.
7. Check that the output value is the one programmed in
Step 4.
Generating VDD and CE supply from a Larger
Voltage Source
The CE pin has an internal pull-down resistor (see
RINTERNAL in Figure 6). The impedance of this resistor is
400k
Ω to 500kΩ. If your design is using a resistor divider
network to generate the 3.3V supply (for both VDD and CE to
enable programming) from a larger voltage source, the
400k
Ω (worst case) resistor needs to be taken into account
as a parallel resistance when the CE pin is connected to this
source. Another design concern is to be able to provide
enough supply current during programming. The ISL45042
draws about 2mA during this process. Recommended
resistor values are shown in Figure 6. This design will result
in an additional 0.83mA quiescent current flowing through
resistors RA and RB.
TABLE 1. CALCULATED VCOM OUTPUT VOLTAGES
SETTING VALUE
VOUT
1
5.468
10
5.313
20
5.141
30
4.969
40
4.797
50
4.625
60
4.453
70
4.281
80
4.109
90
3.936
100
3.764
110
3.592
128
3.282
FIGURE 5. OUTPUT CONNECTION CIRCUIT EXAMPLE
AVDD = 15V
RSET
VOUT PIN
R1
R2
AVDD
VSAT
0.5V
ISET PIN
SETTING
128
---------------------------- x
AV
DD
20
------------------
FIGURE 6. APPLICATION GENERATING VDD AND VCE
VOLTAGES
VCC = 5V
CE LOGIC
RINTERNAL = 400kΩ to 500kΩ
RA
RB
2k
Ω
4k
Ω
ISL45042
CE
VCE
ISL45042


Similar Part No. - ISL45042IR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042IR-T INTERSIL-ISL45042IR-T Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042IR-T INTERSIL-ISL45042IR-T Datasheet
141Kb / 8P
   LCD Module Calibrator
More results

Similar Description - ISL45042IR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_11 Datasheet
353Kb / 9P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
ISL45042A INTERSIL-ISL45042A_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com