Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL45042IRZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL45042IRZ-T
Description  LCD Module Calibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45042IRZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL45042IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL45042IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL45042IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL45042IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL45042IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL45042IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL45042IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL45042IRZ-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN6072.8
July 9, 2008
needed to program the non-volatile memory is given in
Figure 2. It then takes a maximum of 100ms for the
programming to be completed inside the device..
When the part is programmed, the counter setting is loaded
into the non-volatile memory. This value will be loaded from
the nonvolatile memory during initial power-up or when the
CE pin is pulled low.
Once the programming is completed, it is recommended that
the user float the CLT pin. The CTL pin is internally tied to a
resistor network connected to ground. If left floating, the
voltage at the CTL pin will equal VDD/2. Under these
conditions, no additional pulses will be seen by the Up/Down
counter via the CTL pin. To prevent further programming,
ground the CE pin.
CTL should have a noise filter to reduce bouncing or noise
on the input that could cause unwanted counting when the
CE pin is high. The board should have an additional ESD
protection circuit, with a series 1k
Ω resistor and a shunt
0.01µF capacitor connected on the CTL pin (see Figure 3)
To avoid unintentional adjustment, the ISL45042 guarantees
to reject CTL pulses shorter than 20µs.
During Initial Power-up (only), to avoid the possibility of a
false pulse (since the internal comparators come up in an
unknown state), the very first CTL pulse is ignored. See
Figure 7 for the timing information.
CE Pin
To adjust the output voltage, the CE pin must be pulled high
(VDD). The CE pin has an internal pull-down resistor to
prevent unwanted reprogramming of the EEPROM. The
impedance of this resistor is 400k
Ω to 500kΩ (see
RINTERNAL in Figure 6).
Transitions of the CE pin are recommended to be less than
10µs.
Replacing Existing Mechanical Potentiometer
Circuits
Figure 4 shows the common adjustment mechanical circuits
and equivalent replacement with the ISL45042.
Expected Output Voltage
The ISL45042 provides an output sink current, which lowers
the voltage on the external voltage divider (VCOM output
voltage). Equations 1 and 2 can be used to calculate the
output current (IOUT) and output voltage (VOUT) values.
Where, setting is an integer between 1 and 128.
CTL VOLTAGE
TIME
4.9V
CTLPT
FIGURE 2. EEPROM PROGRAMMING
>200µs
FIGURE 3. EXTERNAL ESD PROTECTION ON CTL PIN
ISL45042
CTL
0.01µF
1k
Ω
I
OUT
Setting
128
--------------------- x
AV
DD
20 R
SET
()
---------------------------
=
V
OUT
R
2
R
1
R
2
+
---------------------
⎝⎠
⎜⎟
⎛⎞
AV
DD 1
Setting
128
--------------------- x
R
1
20 R
SET
()
---------------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 1)
(EQ. 2)
-
+
Ra
Rb
Rc
RSET
-
+
ISL45042
SET
OUT
AVDD
R1
R2
AVDD
VCOM
VCOM
AVDD
R1 = Ra
R2 = Rb + Rc
RSET = (Ra(Rb + Rc))/20Rb
FIGURE 4. EXAMPLE OF THE REPLACEMENT FOR THE MECHANICAL POTENTIOMETER CIRCUIT USING THE ISL45042
ISL45042


Similar Part No. - ISL45042IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042IRZ-T INTERSIL-ISL45042IRZ-T Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042IRZ-T INTERSIL-ISL45042IRZ-T Datasheet
141Kb / 8P
   LCD Module Calibrator
ISL45042IRZ-TK INTERSIL-ISL45042IRZ-TK Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042IRZ-TK INTERSIL-ISL45042IRZ-TK Datasheet
141Kb / 8P
   LCD Module Calibrator
More results

Similar Description - ISL45042IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_11 Datasheet
353Kb / 9P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
ISL45042A INTERSIL-ISL45042A_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com