Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS1-1825ASRH-8 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IS1-1825ASRH-8
Description  Single Event and Total Dose Hardened, High-Speed, Dual Output PWMs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS1-1825ASRH-8 Datasheet(HTML) 1 Page - Intersil Corporation

  IS1-1825ASRH-8 Datasheet HTML 1Page - Intersil Corporation IS1-1825ASRH-8 Datasheet HTML 2Page - Intersil Corporation IS1-1825ASRH-8 Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
®
FN9065.3
IS-1825ASRH, ISL71823ASRH
Single Event and Total Dose Hardened,
High-Speed, Dual Output PWMs
The single event and total dose hardened IS-1825ASRH and
ISL71823ASRH pulse width modulators are designed to be
used in high frequency, switching power supplies in either
voltage or current-mode configurations. Both designs
include a precision voltage reference, a low power start-up
circuit, a high frequency oscillator, a wide-band error
amplifier and a fast current-limit comparator.
The IS-1825ASRH features dual, alternating outputs
operating from zero to less than 50% duty-cycle, while the
ISL71823ASRH features dual, in-phase outputs operating
from zero to less than 100% duty cycle.
Constructed with the Intersil Rad-hard Silicon Gate (RSG)
dielectrically isolated BiCMOS process, these devices are
immune to single event latch-up and have been specifically
designed to provide a high level of immunity to single event
transients. All specified parameters are guaranteed and
tested for 300krad(Si) total dose performance.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-02511. A “hot-link” is provided
on our website for downloading the SMD.
Features
• Electrically Screened to DSCC SMD # 5962-02511
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Total Dose. . . . . . . . . . . . . . . . . . . . . 300krad(SI) (max)
- Latch-up Immune . . . . . . . . . . . . . Dielectrically Isolated
- SEU immune . . . . . . . . . . LET = 35MeV/mg/cm2(max)
• Oscillator Frequency . . . . . . . . . . . . . . . . . . . .1MHz(max)
• High Output Drive Current . . . . . . . . . . . . . . . 1A peak(typ)
• Low Start-up Current . . . . . . . . . . . . . . . . . . . 300µA(max)
• Undervoltage Lockout
- Start Threshold . . . . . . . . . . . . . . . . . . . . . . . .8.8V(max)
- Stop Threshold . . . . . . . . . . . . . . . . . . . . . . . . 7.6V(min)
- Hysteresis . . . . . . . . . . . . . . . . . . . . . . . . . . 300mV(min)
• Improved Soft-Start Function Compared with Commercial
1825A/1823A Types
• Pulse-by-Pulse Current Limiting
• Latched Overcurrent Comparator with Full Cycle Restart
• Programmable Leading Edge Blanking
Applications
• Voltage or Current-Mode Switching Power Supplies
• Control of High Current MOSFET Drivers
• Motor Speed and Direction Control
Pinouts
IS1-1825ASRH, ISL71823ASRHQD
(CDIP2-T16 SBDIP)
TOP VIEW
IS9-1825ASRH, ISL71823ASRHQF
(CDFP4-F20 FLATPACK)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
INV
NON-INV
E/A OUT
CLK/LEB
RT
CT
SS
RAMP
VREF
OUT B
VC
PGND
OUT A
GND
ILIM/SD
VCC
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
NC
INV
NON-INV
E/A OUT
CLK/LEB
RT
CT
RAMP
9
10
12
11
SS
NC
VREF
VCC
OUT B
PGND
VC
VC
PGND
OUT A
GND
ILIM/SD
Data Sheet
September 25, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, 2005, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - IS1-1825ASRH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS1-1845ASRH/PROTO INTERSIL-IS1-1845ASRH/PROTO Datasheet
57Kb / 2P
   Single Event Radiation Hardened High Speed, Current Mode PWM
More results

Similar Description - IS1-1825ASRH-8

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA710FR10A1NK IRF-RDHA710FR10A1NK Datasheet
336Kb / 22P
   Neutron and Total Ionizing Dose Test
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
logo
International Rectifier
RDHA701FP10A8QK IRF-RDHA701FP10A8QK Datasheet
391Kb / 40P
   Neutron and Total Ionizing Dose Test
RDHA701CD10A2NK IRF-RDHA701CD10A2NK Datasheet
339Kb / 22P
   Neutron and Total Ionizing Dose Test
logo
M.S. Kennedy Corporatio...
MSK4231RH MSK-MSK4231RH_15 Datasheet
752Kb / 8P
   Total Dose Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
MSK4204RH MSK-MSK4204RH_15 Datasheet
368Kb / 6P
   Total Dose Hardened To TBD Krad(Si) (Method 1019.8 Condition A)
MSK0041RH MSK-MSK0041RH_15 Datasheet
209Kb / 6P
   Total Dose Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
logo
International Rectifier
RIC7113 IRF-RIC7113 Datasheet
2Mb / 64P
   Total Ionizing Dose Test Report
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com