Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ609 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SJ609
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ609 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ609 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ609 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ609 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ609 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ609
No.6671-3/4
A S O
Drain-to-Source Voltage, VDS -- V
DC
operation
100µ
s
<10
µs
1ms
100ms
10ms
IDP= --20A
--0.1
--1.0
23
5
7
--10
23
5
7
--100
23
5
7
--0.1
2
3
5
7
2
3
5
7
2
3
5
7
--1.0
2
3
5
7
--10
--100
--0.01
IT02602
Operation in this
area is limited by RDS(on).
Tc=25
°C
Single pulse
Drain Current, ID -- A
IT02597
IT02598
--0.001 23
5 7--0.01 23 5 7--0.1 23 5 7
23
5 7
--1.0
0.01
0.1
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
--0.01
--0.1
--10
--1.0
7
5
3
2
7
5
3
2
7
5
3
2
--10
yfs -- ID
VDS= --10V
75
°C
Tc=
--25
°C
--0.4
--0.6
--0.8
--1.0
--1.2
Diode Forward Voltage, VSD -- V
IF -- VSD
VGS= 0
25
°C
0
10
100
--10
--20
1000
7
5
3
2
7
5
3
2
--60
--30
--40
--50
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT02599
0123456789
10
11
12
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
Total Gate Charge, Qg -- nC
VGS -- Qg
VDS= --10V
ID= --5A
IT02600
ID= --5A
1.0
10
100
5
3
2
7
5
3
2
7
5
3
2
--0.1
23
5
7
23
5
7
--1.0
--10
Drain Current, ID -- A
SW Time -- ID
IT02601
td(on)
td(off)
t r
tf
VDD= --30V
VGS= --10V
100
200
300
400
500
600
0
0
--2
--4
--6
--8
--10
--12
--14
--16
--18
--20
200
300
400
500
600
100
Case Temperature, Tc --
°C
RDS(on) -- Tc
0
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Tc=25
°C
IT02595
IT02596
--60
--40
--20
0
20
40
60
80
100
120
160
140
I D
= --1A,
V GS
= --4V
I D
= --3A,
V GS
= --10V
ID= --1A --3A


Similar Part No. - 2SJ609

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Guangdong Kexin Industr...
2SJ600 KEXIN-2SJ600 Datasheet
51Kb / 2P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SJ600 VBSEMI-2SJ600 Datasheet
993Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ600 RENESAS-2SJ600 Datasheet
246Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ600-Z NEC-2SJ600-Z Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Similar Description - 2SJ609

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com