Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32572A3155 Datasheet(PDF) 2 Page - EPCOS

Part # B32572A3155
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32572A3155 Datasheet(HTML) 2 Page - EPCOS

  B32572A3155 Datasheet HTML 1Page - EPCOS B32572A3155 Datasheet HTML 2Page - EPCOS B32572A3155 Datasheet HTML 3Page - EPCOS B32572A3155 Datasheet HTML 4Page - EPCOS B32572A3155 Datasheet HTML 5Page - EPCOS B32572A3155 Datasheet HTML 6Page - EPCOS B32572A3155 Datasheet HTML 7Page - EPCOS B32572A3155 Datasheet HTML 8Page - EPCOS B32572A3155 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Typical applications
Ignition for gas, engines, generators
Energy storage
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/125/56
Features
Special dimensions available on request
High pulse strength
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Stacked-film technology
Uncoated
Terminals
Parallel wire leads, lead-free tinned
Marking
Rated capacitance (coded),
rated DC voltage
Delivery mode
Bulk (untaped)
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
15.0
0.8
B32572
22.5
0.8
B32573
Notes on mounting
When mounting these capacitors, take into account creepage distances and clearances to
adjacent live parts. The insulating strength of the cut surfaces to other live parts of the circuit is
1.5 times the capacitors rated DC voltage, but is always at least 300 V DC.
Metallized polyester film capacitors (MKT)
B32572, B32573
Ignition (stacked) SilverCapTM
Page 2 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32572A3155

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32572A3155

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com