Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32559C1224 Datasheet(PDF) 4 Page - EPCOS

Part # B32559C1224
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32559C1224 Datasheet(HTML) 4 Page - EPCOS

  B32559C1224 Datasheet HTML 1Page - EPCOS B32559C1224 Datasheet HTML 2Page - EPCOS B32559C1224 Datasheet HTML 3Page - EPCOS B32559C1224 Datasheet HTML 4Page - EPCOS B32559C1224 Datasheet HTML 5Page - EPCOS B32559C1224 Datasheet HTML 6Page - EPCOS B32559C1224 Datasheet HTML 7Page - EPCOS B32559C1224 Datasheet HTML 8Page - EPCOS B32559C1224 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Ordering codes and packing units
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
489 = Ammo pack straight
389 = Reel straight
289 = Ammo pack crimped
189 = Reel crimped
000 = Untaped crimped (lead length 6
1 mm)
001 = Untaped (lead length 6
1 mm)
63
40
0.22
3.0
× 6.5 × 7.0 B32559C0224+*** 11200
9600
10000
0.33
3.0
× 6.5 × 7.0 B32559C0334+*** 12000
10400
10000
0.47
3.5
× 7.0 × 7.0 B32559C0474+*** 12000
10400
10000
0.68
3.5
× 8.5 × 7.0 B32559C0684+***
9200
7600
8000
1.0
4.0
× 10.5 × 7.0 B32559C0105+***
9200
7600
8000
100
63
0.033
3.0
× 6.5 × 7.0 B32559C1333+*** 12000
10400
12000
0.047
3.0
× 6.5 × 7.0 B32559C1473+*** 12800
11200
12000
0.056
3.0
× 7.0 × 7.0 B32559C1563+*** 12000
10400
12000
0.068
3.0
× 7.0 × 7.0 B32559C1683+*** 12800
11200
12000
0.10
3.0
× 7.0 × 7.0 B32559C1104+*** 12800
11200
12000
0.12
3.0
× 7.0 × 7.0 B32559C1124+*** 12800
11200
12000
0.15
3.0
× 7.0 × 7.0 B32559C1154+*** 12800
11200
12000
0.22
3.5
× 8.5 × 7.0 B32559C1224+*** 11600
10000
12000
0.33
3.5
× 8.5 × 7.0 B32559C1334+*** 11600
10000
12000
0.47
3.5
× 9.0 × 7.0 B32559C1474+*** 10000
8400
10000
250
160
0.022
3.0
× 7.0 × 7.0 B32559C3223+*** 12800
11200
12000
0.027
3.0
× 7.0 × 7.0 B32559C3273+*** 12800
11200
12000
0.033
3.0
× 7.0 × 7.0 B32559C3333+*** 12000
10400
12000
0.047
3.0
× 7.0 × 7.0 B32559C3473+*** 12800
11200
12000
0.056
3.0
× 7.0 × 7.0 B32559C3563+*** 10800
9200
1000
0.068
3.5
× 7.0 × 7.0 B32559C3683+*** 10800
9200
1000
0.10
3.5
× 9.0 × 7.0 B32559C3104+*** 12000
10400
8000
0.12
4.5
× 9.0 × 7.0 B32559C3124+***
7200
5800
8000
0.15
4.5
× 10.0 × 7.0 B32559C3154+***
7200
5600
8000
B32559C
Compact design (stacked)
Page 4 of 23
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32559C1224

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32559C1224

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com