Electronic Components Datasheet Search |
|
B32934A3155M Datasheet(PDF) 5 Page - EPCOS |
|
B32934A3155M Datasheet(HTML) 5 Page - EPCOS |
5 / 18 page Ordering codes and packing units Lead spacing mm CR µF Max. dimensions w × h × l mm Ordering code (composition see below) Ammo pack pcs./MOQ Reel pcs./MOQ Untaped pcs./MOQ X2 safety appr. X = approval granted MOQ = Minimum Order Quantity, consisting of 4 packing units. Further intermediate capacitance values on request. Composition of ordering code + = Capacitance tolerance code: *** = Packaging code: M = ±20% K = ±10% 289 = Ammo pack 189 = Reel 000 = Untaped (lead length 6 1 mm) 37.5 1.0 12.0 × 22.0 × 41.5 B32936A3105+*** – – 1620 X 1.5 12.0 × 22.0 × 41.5 B32936A3155+*** – – 1620 X 2.2 14.0 × 25.0 × 41.5 B32936A3225+*** – – 1380 X 3.3 16.0 × 28.5 × 41.5 B32936A3335+*** – – 800 4.7 18.0 × 32.5 × 41.5 B32936A3475+*** – – 720 6.8 28.0 × 42.5 × 41.5 B32936A3685+*** – – 440 10.0 28.0 × 42.5 × 41.5 B32936A3106+*** – – 440 B32932 ... B32936 AC applications (heavy duty series) / 305 V AC Page 5 of 18 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32934A3155M |
|
Similar Description - B32934A3155M |