Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78510A1452A003 Datasheet(PDF) 3 Page - EPCOS

Part # B78510A1452A003
Description  ISDN transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78510A1452A003 Datasheet(HTML) 3 Page - EPCOS

  B78510A1452A003_08 Datasheet HTML 1Page - EPCOS B78510A1452A003_08 Datasheet HTML 2Page - EPCOS B78510A1452A003_08 Datasheet HTML 3Page - EPCOS B78510A1452A003_08 Datasheet HTML 4Page - EPCOS B78510A1452A003_08 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering code
(electrical specifications at 25 °C)
Main inductance L (1-5)
10 kHz, 30 mV, short 2-4
Stray inductance Lstray (1-5)
10 kHz, 30 mV, short 2-4, 6-10
Interwinding capacitance Ci (1-10)
10 kHz, 100 mV, short 2-4
Resistance RDC (Line); RDC (IC)
RDC(Line): short 2-4; RDC(IC): –
Test voltage Vtest
50 Hz, 1 s; N1, N2 against N3, N4
Operating temperature range
–25 °C … +85 °C
Weight
Approx. 2.7 g
Ordering code
B78510A1452A003
Type/Core
R 10
N1 : N2 : N3 : N4
1 : 1 : 1 : 1
L> 22
mH
Lstray (typ.)
3.6
μH
Ci (typ.)
65
pF
RDC (Line) (typ.)
2.0
Ω
RDC (IC) (typ.)
2.2
Ω
Vtest
2000
V AC
ΔI
DC (typ.)
3.3
mA
B78510A1452A003
Transformers for information technology (ISDN)
R 10
S0 interface


Similar Part No. - B78510A1452A003_08

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78510A1452A003 EPCOS-B78510A1452A003 Datasheet
69Kb / 2P
   ISDN Transformers
More results

Similar Description - B78510A1452A003_08

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78386P111 EPCOS-B78386P111 Datasheet
59Kb / 2P
   ISDN Transformers
B78310P1583A005 EPCOS-B78310P1583A005 Datasheet
62Kb / 2P
   ISDN Transformers
B78510P1365A005 EPCOS-B78510P1365A005 Datasheet
57Kb / 2P
   ISDN Transformers
B78510A1223A003 EPCOS-B78510A1223A003 Datasheet
69Kb / 2P
   ISDN Transformers
B78421A1721A003 EPCOS-B78421A1721A003 Datasheet
69Kb / 2P
   ISDN Transformers
B78421P1649A005 EPCOS-B78421P1649A005 Datasheet
58Kb / 2P
   ISDN Transformers
B78510P1365A005 EPCOS-B78510P1365A005_08 Datasheet
73Kb / 5P
   ISDN transformers
B78421A1720A003 EPCOS-B78421A1720A003 Datasheet
69Kb / 2P
   ISDN Transformers
B78475P1563A002 EPCOS-B78475P1563A002 Datasheet
67Kb / 5P
   ISDN Transformers
B78510P6622A005 EPCOS-B78510P6622A005 Datasheet
72Kb / 5P
   ISDN transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com