Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32559C8152 Datasheet(PDF) 3 Page - EPCOS

Part # B32559C8152
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32559C8152 Datasheet(HTML) 3 Page - EPCOS

  B32559C8152 Datasheet HTML 1Page - EPCOS B32559C8152 Datasheet HTML 2Page - EPCOS B32559C8152 Datasheet HTML 3Page - EPCOS B32559C8152 Datasheet HTML 4Page - EPCOS B32559C8152 Datasheet HTML 5Page - EPCOS B32559C8152 Datasheet HTML 6Page - EPCOS B32559C8152 Datasheet HTML 7Page - EPCOS B32559C8152 Datasheet HTML 8Page - EPCOS B32559C8152 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Overview of available types
Lead spacing 5.0 mm
Type
B32559C
Lead
configuration
straight / crimped
Page
4
VR (V DC)
63
100
250
400
630
VRMS (V AC)
40
63
160
200
400
CR (
µF)
0.0010
0.0015
0.0022
0.0027
0.0033
0.0047
0.0068
0.0082
0.010
0.012
0.015
0.022
0.027
0.033
0.047
0.056
0.068
0.10
0.12
0.15
0.22
0.33
0.47
0.68
1.0
B32559C
Compact design (stacked)
Page 3 of 23
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32559C8152

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32559C8152

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com