Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2906 Datasheet(PDF) 4 Page - EPCOS

Part # R2906
Description  SAW Components SAW resonator Short range devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

R2906 Datasheet(HTML) 4 Page - EPCOS

  R2906 Datasheet HTML 1Page - EPCOS R2906 Datasheet HTML 2Page - EPCOS R2906 Datasheet HTML 3Page - EPCOS R2906 Datasheet HTML 4Page - EPCOS R2906 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
January 27, 2010
R2906
915.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW resonator
Data sheet
References
Type
R2906
Ordering code
B39921R2906H110
Marking and package
C61157-A7-A143
Packaging
F61074-V8168-Z000
Date codes
L_1126
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2010. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - R2906

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R29 RENESAS-R29 Datasheet
4Mb / 473P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
logo
List of Unclassifed Man...
R29 ETC2-R29 Datasheet
616Kb / 2P
   Miniature Circular Connectors
R29-1808 ETC2-R29-1808 Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
R29-J5F ETC2-R29-J5F Datasheet
616Kb / 2P
   Miniature Circular Connectors
R29-J5M ETC2-R29-J5M Datasheet
616Kb / 2P
   Miniature Circular Connectors
More results

Similar Description - R2906

ManufacturerPart #DatasheetDescription
logo
EPCOS
R2704 EPCOS-R2704 Datasheet
39Kb / 5P
   SAW Components SAW resonator Short range devices
R2711 EPCOS-R2711 Datasheet
38Kb / 5P
   SAW Components SAW resonator Short range devices
B39871R808H210 EPCOS-B39871R808H210 Datasheet
29Kb / 5P
   SAW Components SAW resonator Short range devices
R993 EPCOS-R993 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
R981 EPCOS-R981 Datasheet
30Kb / 5P
   SAW Components SAW resonator Short range devices
R2712 EPCOS-R2712_09 Datasheet
38Kb / 5P
   SAW Components SAW resonator Short range devices
R991 EPCOS-R991 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
B39431R960H110 EPCOS-B39431R960H110 Datasheet
34Kb / 5P
   SAW Components SAW resonator Short range devices
B39431R770U310 EPCOS-B39431R770U310 Datasheet
38Kb / 6P
   SAW Components SAW resonator Short range devices
R972 EPCOS-R972_09 Datasheet
33Kb / 5P
   SAW Components SAW resonator Short range devices
R980 EPCOS-R980_08 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com