Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R994 Datasheet(PDF) 2 Page - EPCOS

Part # R994
Description  SAW Components SAW resonator Short range devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

R994 Datasheet(HTML) 2 Page - EPCOS

  R994 Datasheet HTML 1Page - EPCOS R994 Datasheet HTML 2Page - EPCOS R994 Datasheet HTML 3Page - EPCOS R994 Datasheet HTML 4Page - EPCOS R994 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
October 01, 2009
R 994
314.90 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW resonator
Data sheet
Application
s
1-port resonator
s
Provides reliable, fundamental mode, quartz fre-
quency stabilization i.e. in transmitters or local oscil-
lators
Features
s
Package size 3.0 x 3.0 x 1.0 mm3
s
Package code DCC6E
s
RoHS compatible
s
Approximate weight 0.037 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Lead free soldering compatible with J - STD20C
s
Passivation layer Elpas
s
AEC-Q200 qualified component family
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
2
Input
s
5
Output, grounded in 1-port conf.
s
1,3,4,6
Ground (case)
R1
L1
C0
C1
2
5


Similar Part No. - R994

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
R99-07 OMRON-R99-07 Datasheet
3Mb / 13P
   A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
logo
EPCOS
R990 EPCOS-R990 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
R991 EPCOS-R991 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
R992 EPCOS-R992 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
R993 EPCOS-R993 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
More results

Similar Description - R994

ManufacturerPart #DatasheetDescription
logo
EPCOS
R2704 EPCOS-R2704 Datasheet
39Kb / 5P
   SAW Components SAW resonator Short range devices
R2711 EPCOS-R2711 Datasheet
38Kb / 5P
   SAW Components SAW resonator Short range devices
B39871R808H210 EPCOS-B39871R808H210 Datasheet
29Kb / 5P
   SAW Components SAW resonator Short range devices
R993 EPCOS-R993 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
R981 EPCOS-R981 Datasheet
30Kb / 5P
   SAW Components SAW resonator Short range devices
R2712 EPCOS-R2712_09 Datasheet
38Kb / 5P
   SAW Components SAW resonator Short range devices
R991 EPCOS-R991 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
B39431R960H110 EPCOS-B39431R960H110 Datasheet
34Kb / 5P
   SAW Components SAW resonator Short range devices
B39431R770U310 EPCOS-B39431R770U310 Datasheet
38Kb / 6P
   SAW Components SAW resonator Short range devices
R972 EPCOS-R972_09 Datasheet
33Kb / 5P
   SAW Components SAW resonator Short range devices
R980 EPCOS-R980_08 Datasheet
32Kb / 5P
   SAW Components SAW resonator Short range devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com