Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72225T4131K101 Datasheet(PDF) 2 Page - EPCOS

Part # B72225T4131K101
Description  SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72225T4131K101 Datasheet(HTML) 2 Page - EPCOS

  B72225T4131K101 Datasheet HTML 1Page - EPCOS B72225T4131K101 Datasheet HTML 2Page - EPCOS B72225T4131K101 Datasheet HTML 3Page - EPCOS B72225T4131K101 Datasheet HTML 4Page - EPCOS B72225T4131K101 Datasheet HTML 5Page - EPCOS B72225T4131K101 Datasheet HTML 6Page - EPCOS B72225T4131K101 Datasheet HTML 7Page - EPCOS B72225T4131K101 Datasheet HTML 8Page - EPCOS B72225T4131K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Construction
Round varistor element, leaded
Coating: epoxy resin, flame-retardant to UL 94 V-0
Terminals: tinned copper wire, metal compound wire
Housing: thermoplastic, flame-retardant to UL 94 V-0
Features
Wide operating voltage range 115 … 420 VRMS
Self-protected under abnormal overvoltage conditions
Very high surge current ratings of 20 kA
Approvals
UL
Applications
Air conditioner, refrigerator, TV, etc.
Power meter, inverter, telecom equipment, etc.
Transient voltage surge suppressors (TVSS)
Delivery mode
Bulk (standard)
Typical applications
General technical data
Climatic category
to IEC 60068-1
40/85/56
Operating temperature
to CECC 42 000
40 ... + 85
°C
Storage temperature
40 ... +125
°C
Electric strength
to CECC 42 000
≥ 2.5
kVRMS
Response time
< 25
ns
Housed varistors
ETFV25
ThermoFuse varistors, ETFV25 series
Page 2 of 10
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72225T4131K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B72225T4111K101 TDK-B72225T4111K101 Datasheet
123Kb / 1P
   ThermoFuse Varistors
More results

Similar Description - B72225T4131K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
SFS14 EPCOS-SFS14 Datasheet
87Kb / 9P
   SIOV metal oxide varistors Housed (Fail-safe) varistors
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com