Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32592C6684 Datasheet(PDF) 4 Page - EPCOS

Part # B32592C6684
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32592C6684 Datasheet(HTML) 4 Page - EPCOS

  B32592C6684 Datasheet HTML 1Page - EPCOS B32592C6684 Datasheet HTML 2Page - EPCOS B32592C6684 Datasheet HTML 3Page - EPCOS B32592C6684 Datasheet HTML 4Page - EPCOS B32592C6684 Datasheet HTML 5Page - EPCOS B32592C6684 Datasheet HTML 6Page - EPCOS B32592C6684 Datasheet HTML 7Page - EPCOS B32592C6684 Datasheet HTML 8Page - EPCOS B32592C6684 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Overview of available types
Technology: s = Stacked-film technology / w = Wound capacitor technology
Lead configurations
Series
Standard
Reduced
Enlarged
Straight
B32591
10 mm
5 / 7.5 mm
10 mm
B32592
15 mm
7.5 / 10 / 12.5 mm
17.5 mm
15 mm
B32593
22.5 mm
17.5 / 20 mm
25 mm
22.5 mm
B32594
27.5 mm
25 mm
27.5 mm
Lead spacing 27.5 mm
Type
B32594
Page
8
Technology
w
w
w
w
VR (V DC)
100
250
400
630
VRMS (V AC)
63
160
200
220
CR (
µF)
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
B32591 ... B32594
General purpose (stacked/wound)
Page 4 of 26
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32592C6684

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32592C6684J008 EPCOS-B32592C6684J008 Datasheet
588Kb / 43P
   Film Capacitors
B32592C6684J010 EPCOS-B32592C6684J010 Datasheet
588Kb / 43P
   Film Capacitors
B32592C6684J011 EPCOS-B32592C6684J011 Datasheet
588Kb / 43P
   Film Capacitors
B32592C6684J189 EPCOS-B32592C6684J189 Datasheet
588Kb / 43P
   Film Capacitors
B32592C6684J289 EPCOS-B32592C6684J289 Datasheet
588Kb / 43P
   Film Capacitors
More results

Similar Description - B32592C6684

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com