Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1AGX35CF780I6N Datasheet(PDF) 9 Page - Altera Corporation

Part # EP1AGX35CF780I6N
Description  Section I. Arria GX Device Data Sheet
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35CF780I6N Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP1AGX35CF780I6N Datasheet HTML 5Page - Altera Corporation EP1AGX35CF780I6N Datasheet HTML 6Page - Altera Corporation EP1AGX35CF780I6N Datasheet HTML 7Page - Altera Corporation EP1AGX35CF780I6N Datasheet HTML 8Page - Altera Corporation EP1AGX35CF780I6N Datasheet HTML 9Page - Altera Corporation EP1AGX35CF780I6N Datasheet HTML 10Page - Altera Corporation EP1AGX35CF780I6N Datasheet HTML 11Page - Altera Corporation EP1AGX35CF780I6N Datasheet HTML 12Page - Altera Corporation EP1AGX35CF780I6N Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 234 page
background image
Chapter 2: Arria GX Architecture
2–3
Transceivers
© December 2009
Altera Corporation
Arria GX Device Handbook, Volume 1
Each transceiver channel is full-duplex and consists of a transmitter channel and a
receiver channel.
The transmitter channel contains the following sub-blocks:
Transmitter phase compensation first-in first-out (FIFO) buffer
Byte serializer (optional)
8B/10B encoder (optional)
Serializer (parallel-to-serial converter)
Transmitter differential output buffer
The receiver channel contains the following:
Receiver differential input buffer
Receiver lock detector and run length checker
CRU
Deserializer
Pattern detector
Word aligner
Lane deskew
Rate matcher (optional)
8B/10B decoder (optional)
Byte deserializer (optional)
Receiver phase compensation FIFO buffer
You can configure the transceiver channels to the desired functional modes using the
ALT2GXB MegaCore instance in the Quartus® II MegaWizardPlug-in Manager for
the Arria GX device family. Depending on the selected functional mode, the
Quartus II software automatically configures the transceiver channels to employ a
subset of the sub-blocks listed above.
Transmitter Path
This section describes the data path through the Arria GX transmitter. The sub-blocks
are described in order from the PLD-transmitter parallel interface to the serial
transmitter buffer.
Clock Multiplier Unit
Each transceiver block has a clock multiplier unit (CMU) that takes in a reference
clock and synthesizes two clocks: a high-speed serial clock to serialize the data and a
low-speed parallel clock to clock the transmitter digital logic (PCS).
The CMU is further divided into three sub-blocks:
One transmitter PLL
One central clock divider block
Four local clock divider blocks (one per channel)


Similar Part No. - EP1AGX35CF780I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX35CF780I6N ALTERA-EP1AGX35CF780I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX35CF780I6N ALTERA-EP1AGX35CF780I6N Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
More results

Similar Description - EP1AGX35CF780I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com