Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78421P1853A003 Datasheet(PDF) 1 Page - EPCOS

Part # B78421P1853A003
Description  SHDSL interface transformer for Infineon ICs SDFE-x and Socrates family EP 13, 3.019 mH, 2.25:2.25:1
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B78421P1853A003 Datasheet(HTML) 1 Page - EPCOS

  B78421P1853A003 Datasheet HTML 1Page - EPCOS B78421P1853A003 Datasheet HTML 2Page - EPCOS B78421P1853A003 Datasheet HTML 3Page - EPCOS B78421P1853A003 Datasheet HTML 4Page - EPCOS B78421P1853A003 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
7f…fÁRspp…
7f…fÁRspp…
© EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SHDSL interface transformer
for Infineon ICs SDFE-x and Socrates family
EP 13, 3.019 mH, 2.25:2.25:1
Ordering code:
B78421P1853A003
Date:
October 2008


Similar Part No. - B78421P1853A003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78421P1457A005 EPCOS-B78421P1457A005 Datasheet
58Kb / 2P
   xDSL Transformers HDSL Interface
B78421P1482A005 EPCOS-B78421P1482A005 Datasheet
58Kb / 2P
   xDSL Transformers ADSL Interface
B78421P1486A005 EPCOS-B78421P1486A005 Datasheet
58Kb / 2P
   xDSL Transformers ADSL Interface
B78421P1544A005 EPCOS-B78421P1544A005 Datasheet
58Kb / 2P
   xDSL Transformers MDSL Interface
B78421P1579A005 EPCOS-B78421P1579A005 Datasheet
61Kb / 3P
   ISDN/xDSL Transformers
More results

Similar Description - B78421P1853A003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78418A1960A003 EPCOS-B78418A1960A003 Datasheet
117Kb / 5P
   SHDSL interface transformer for Infineon ICs SDFE-x and Socrates family EP 13, 3.019 mH, 2.25:2.25:1
B78421A1801A003 EPCOS-B78421A1801A003 Datasheet
108Kb / 5P
   SHDSL interface transformer for Infineon ICs SDFE-x and Socrates family EP 13, 3.019 mH, 2.25:2.25:1
B78421A1852A003 EPCOS-B78421A1852A003 Datasheet
108Kb / 5P
   SHDSL interface transformer for Infineon ICs SDFE-x and Socrates family EP 13, 3.019 mH, 2.25:2.25:1
logo
List of Unclassifed Man...
UT20345S ETC-UT20345S Datasheet
87Kb / 1P
   SHDSL TRANSFORMER FOR SHDSL SOCRATES-BIAS FAMILY
logo
EPCOS
B78421P1582A005 EPCOS-B78421P1582A005_08 Datasheet
73Kb / 5P
   ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
B78421A1720A003 EPCOS-B78421A1720A003_08 Datasheet
97Kb / 5P
   ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
B78386P1580A005 EPCOS-B78386P1580A005_08 Datasheet
78Kb / 5P
   ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
B78421P1649A005 EPCOS-B78421P1649A005_08 Datasheet
73Kb / 5P
   ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78386P1648A005 EPCOS-B78386P1648A005_08 Datasheet
78Kb / 5P
   ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
B78386P1114A005 EPCOS-B78386P1114A005 Datasheet
75Kb / 5P
   ISDN transformers UK0 interface, 4B3T EP 13, 7.57 mH, 08:08:1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com