Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B88069X8860B502 Datasheet(PDF) 2 Page - EPCOS

Part # B88069X8860B502
Description  SURGE ARRESTER 2-electrode arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B88069X8860B502 Datasheet(HTML) 2 Page - EPCOS

  B88069X8860B502 Datasheet HTML 1Page - EPCOS B88069X8860B502 Datasheet HTML 2Page - EPCOS B88069X8860B502 Datasheet HTML 3Page - EPCOS B88069X8860B502 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X8860B502
3-electrode arrester
T23-A250XF4
KB AB E / KB AB PM
Issue 06 / 2007-10-18
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Standard size
Fast response time
High current rating
Stable performance over life
Very low capacitance
High insulation resistance
Reliable failsafe device
RoHS-compatible
Branch exchange (MDF)
Line protection
Station protection
Electrical specifications
DC spark-over voltage
1) 2) 4)
250
± 20
V
%
Impulse spark-over voltage
4)
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 500
< 400
< 600
< 550
V
V
V
V
Service life
10 operations
50 Hz, 1 s
5)
10
A
1 operation
50 Hz, 0.18 s (9 cycles)
5)
50
A
10 operations [5x (+) & 5x (-)]
8/20 µs
5)
20
kA
1 operation
8/20 µs
5)
25
kA
1 operation
10/350 µs
5)
5
kA
300 operations
10/1000 µs
5)
200
A
Insulation resistance at 100 Vdc
4)
> 10
G
Ω
Capacitance at 1 MHz
4)
< 1.5
pF
Transverse delay time
3)
< 0.2
µs
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 35
~ 1
~ 200
V
A
V
Weight
~ 2
g
Storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue negative
250 YY O
250
- Nominal voltage
YY
- Year of production
O
- Non radioactive


Similar Part No. - B88069X8860B502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X8800B252 EPCOS-B88069X8800B252 Datasheet
61Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X8810C203 EPCOS-B88069X8810C203 Datasheet
54Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X8820B102 EPCOS-B88069X8820B102 Datasheet
23Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X8830B102 EPCOS-B88069X8830B102 Datasheet
23Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X8840B252 EPCOS-B88069X8840B252 Datasheet
62Kb / 4P
   SURGE ARRESTER 2-electrode arrester
More results

Similar Description - B88069X8860B502

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
B88069X0590S102 EPCOS-B88069X0590S102 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4241S102 EPCOS-B88069X4241S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X9271S102 EPCOS-B88069X9271S102 Datasheet
66Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4190T103 EPCOS-B88069X4190T103 Datasheet
132Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4261B502 EPCOS-B88069X4261B502 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X5591T902 EPCOS-B88069X5591T902 Datasheet
142Kb / 5P
   Surge arrester 2-electrode arrester
B88069X7200B502 EPCOS-B88069X7200B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X0660S102 EPCOS-B88069X0660S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X2670T902 EPCOS-B88069X2670T902 Datasheet
101Kb / 2P
   SURGE ARRESTER 2-electrode arrester
B88069X720S102 EPCOS-B88069X720S102 Datasheet
101Kb / 4P
   Surge arrester 2-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com