Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T23-A250XF4 Datasheet(PDF) 3 Page - EPCOS

Part # T23-A250XF4
Description  SURGE ARRESTER 2-electrode arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

T23-A250XF4 Datasheet(HTML) 3 Page - EPCOS

  T23-A250XF4 Datasheet HTML 1Page - EPCOS T23-A250XF4 Datasheet HTML 2Page - EPCOS T23-A250XF4 Datasheet HTML 3Page - EPCOS T23-A250XF4 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surge arrester
B88069X8860B502
3-electrode arrester
T23-A250XF4
KB AB E / KB AB PM
Issue 06 / 2007-10-18
Please read Cautions and warnings and
Page 3 of 4
Important notes at the end of this document.
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
3)
Test according to ITU-T Rec. K.12
4)
Tip or ring electrode to center electrode
5)
Total current through center electrode, half value through
tip respectively ring electrode.
Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845
The arrester failsafe mechanism contains a solder pellet with a melting
temperature between 193 and 203 °C.
Dimensional drawing
Cautions and warnings
The short-circuit spring does not trigger until 180 °C is reached depending on the material. Care
must be taken to limit the thermal radiation onto adjacent parts to safe values.
Depending on the incorporation position, the surge arrester may have to be additionally secured
by mechanical means.
Surge arresters must not be operated directly in power supply networks.
Surge arresters may become hot in case of longer periods of current stress (danger of burning).
Surge arresters may be used only within their specified values. In case of overload, the head
contacts may fail or the component may be destroyed.
Damaged surge arresters must not be re-used.
Not to scale
Dimensions in mm
Non controlled document


Similar Part No. - T23-A250XF4

ManufacturerPart #DatasheetDescription
logo
EPCOS
T23-A250XF1 EPCOS-T23-A250XF1 Datasheet
66Kb / 4P
   SURGE ARRESTER 2-electrode arrester
More results

Similar Description - T23-A250XF4

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
B88069X0590S102 EPCOS-B88069X0590S102 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4241S102 EPCOS-B88069X4241S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X9271S102 EPCOS-B88069X9271S102 Datasheet
66Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4190T103 EPCOS-B88069X4190T103 Datasheet
132Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4261B502 EPCOS-B88069X4261B502 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X5591T902 EPCOS-B88069X5591T902 Datasheet
142Kb / 5P
   Surge arrester 2-electrode arrester
B88069X7200B502 EPCOS-B88069X7200B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X0660S102 EPCOS-B88069X0660S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X2670T902 EPCOS-B88069X2670T902 Datasheet
101Kb / 2P
   SURGE ARRESTER 2-electrode arrester
B88069X720S102 EPCOS-B88069X720S102 Datasheet
101Kb / 4P
   Surge arrester 2-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com