Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1AGX50DF780I6N Datasheet(PDF) 4 Page - Altera Corporation

Part # EP1AGX50DF780I6N
Description  Section I. Arria GX Device Data Sheet
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX50DF780I6N Datasheet(HTML) 4 Page - Altera Corporation

  EP1AGX50DF780I6N Datasheet HTML 1Page - Altera Corporation EP1AGX50DF780I6N Datasheet HTML 2Page - Altera Corporation EP1AGX50DF780I6N Datasheet HTML 3Page - Altera Corporation EP1AGX50DF780I6N Datasheet HTML 4Page - Altera Corporation EP1AGX50DF780I6N Datasheet HTML 5Page - Altera Corporation EP1AGX50DF780I6N Datasheet HTML 6Page - Altera Corporation EP1AGX50DF780I6N Datasheet HTML 7Page - Altera Corporation EP1AGX50DF780I6N Datasheet HTML 8Page - Altera Corporation EP1AGX50DF780I6N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 234 page
background image
1–2
Chapter 1: Arria GX Device Family Overview
Features
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
Main device features:
TriMatrix memory consisting of three RAM block sizes to implement true
dual-port memory and first-in first-out (FIFO) buffers with performance up to
380 MHz
Up to 16 global clock networks with up to 32 regional clock networks per
device
High-speed DSP blocks provide dedicated implementation of multipliers,
multiply-accumulate functions, and finite impulse response (FIR) filters
Up to four enhanced phase-locked loops (PLLs) per device provide spread
spectrum, programmable bandwidth, clock switch-over, and advanced
multiplication and phase shifting
Support for numerous single-ended and differential I/O standards
High-speed source-synchronous differential I/O support on up to 47 channels
Support for source-synchronous bus standards, including SPI-4 Phase 2
(POS-PHY Level 4), SFI-4.1, XSBI, UTOPIA IV, NPSI, and CSIX-L1
Support for high-speed external memory including DDR and DDR2 SDRAM,
and SDR SDRAM
Support for multiple intellectual property megafunctions from Altera®
MegaCore® functions and Altera Megafunction Partners Program (AMPPSM)
Support for remote configuration updates
Table 1–1 lists Arria GX device features for FineLine BGA (FBGA) with flip chip
packages.
Table 1–1. Arria GX Device Features (Part 1 of 2)
Feature
EP1AGX20C
EP1AGX35C/D
EP1AGX50C/D
EP1AGX60C/D/E
EP1AGX90E
C
CDC
D
C
D
E
E
Package
484-pin,
780-pin
(Flip chip)
484-pin
(Flip chip)
780-pin
(Flip chip)
484-pin
(Flip chip)
780-pin,
1152-pin
(Flip chip)
484-pin
(Flip chip)
780-pin
(Flip chip)
1152-pin
(Flip chip)
1152-pin
(Flip chip)
ALMs
8,632
13,408
20,064
24,040
36,088
Equivalent
logic
elements
(LEs)
21,580
33,520
50,160
60,100
90,220
Transceiver
channels
4
4
848
4
8
12
12
Transceiver
data rate
600 Mbps
to 3.125
Gbps
600 Mbps to 3.125
Gbps
600 Mbps to 3.125
Gbps
600 Mbps to 3.125 Gbps
600 Mbps
to 3.125
Gbps
Source-
synchronous
receive
channels
31
31
31
31
31, 42
31
31
42
47


Similar Part No. - EP1AGX50DF780I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX50DF780I6N ALTERA-EP1AGX50DF780I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX50DF780I6N ALTERA-EP1AGX50DF780I6N Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
More results

Similar Description - EP1AGX50DF780I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com