Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32594C3475 Datasheet(PDF) 7 Page - EPCOS

Part # B32594C3475
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32594C3475 Datasheet(HTML) 7 Page - EPCOS

Back Button B32594C3475 Datasheet HTML 3Page - EPCOS B32594C3475 Datasheet HTML 4Page - EPCOS B32594C3475 Datasheet HTML 5Page - EPCOS B32594C3475 Datasheet HTML 6Page - EPCOS B32594C3475 Datasheet HTML 7Page - EPCOS B32594C3475 Datasheet HTML 8Page - EPCOS B32594C3475 Datasheet HTML 9Page - EPCOS B32594C3475 Datasheet HTML 10Page - EPCOS B32594C3475 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
010 = Untaped (lead length 6
1 mm)
011 = Untaped (lead length min. 20 mm)
008 = Untaped straight (lead length 17
±3 mm)
Packaging codes for further lead configurations (untaped):
Lead configuration (lead length 6
1 mm)
Reduced
Reduced
Enlarged
Lead spacing (mm)
17.5
20
25
Packaging code
060
070
080
100
63
1.5
7.0
× 14.0 × 26.5 B32593C1155+*** 2000
2800
2000
2.2
8.5
× 15.0 × 26.5 B32593C1225+*** 1800
2400
2000
3.3
10.0
× 16.5 × 26.5 B32593C1335+*** 1520
2160
800
4.7
11.5
× 18.5 × 26.5 B32593C1475+*** 1200
1800
800
6.8
13.0
× 21.5 × 26.5 B32593C1685+*** 1120
1520
800
250
160
0.68
7.0
× 13.0 × 26.5 B32593C3684+*** 2000
2800
2000
1.0
7.0
× 15.5 × 26.5 B32593C3105+*** 2000
2800
2000
1.5
8.5
× 17.0 × 26.5 B32593C3155+*** 1600
2320
800
2.2
10.0
× 18.5 × 26.5 B32593C3225+*** 1400
2000
800
400
200
0.22
6.5
× 13.0 × 26.5 B32593C6224+*** 2020
3200
2000
0.33
7.0
× 14.0 × 26.5 B32593C6334+*** 2020
3200
2000
0.47
7.0
× 16.5 × 26.5 B32593C6474+*** 2000
2800
2000
630
200
0.10
7.0
× 14.0 × 26.5 B32593C8104+*** 2000
2800
2000
0.15
7.5
× 16.0 × 26.5 B32593C8154+*** 1800
2600
1000
0.22
8.5
× 17.0 × 26.5 B32593C8224+*** 1600
2320
1000
B32593
General purpose (wound)
Page 7 of 26
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32594C3475

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32591 TDK-B32591 Datasheet
564Kb / 43P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32591C1104J008 EPCOS-B32591C1104J008 Datasheet
588Kb / 43P
   Film Capacitors
B32591C1104J010 EPCOS-B32591C1104J010 Datasheet
588Kb / 43P
   Film Capacitors
B32591C1104J011 EPCOS-B32591C1104J011 Datasheet
588Kb / 43P
   Film Capacitors
B32591C1104J189 EPCOS-B32591C1104J189 Datasheet
588Kb / 43P
   Film Capacitors
More results

Similar Description - B32594C3475

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com