Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CU4032K35G2 Datasheet(PDF) 3 Page - EPCOS

Part # CU4032K35G2
Description  Ceramic transient voltage suppressors SMD disk varistors standard series
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032K35G2 Datasheet(HTML) 3 Page - EPCOS

  CU4032K35G2 Datasheet HTML 1Page - EPCOS CU4032K35G2 Datasheet HTML 2Page - EPCOS CU4032K35G2 Datasheet HTML 3Page - EPCOS CU4032K35G2 Datasheet HTML 4Page - EPCOS CU4032K35G2 Datasheet HTML 5Page - EPCOS CU4032K35G2 Datasheet HTML 6Page - EPCOS CU4032K35G2 Datasheet HTML 7Page - EPCOS CU4032K35G2 Datasheet HTML 8Page - EPCOS CU4032K35G2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Features
Electrical equivalents to leaded types SIOV-S05/S07
Operating voltage up to 300 VRMS
SMD plastic package
RoHS-compatible
Suitable for lead-free soldering
UL approved
CSA approved (types with voltages higher than 130 VRMS)
PSpice models available
Applications
Overvoltage protection and transient suppression in control electronics, detectors and
sensors, touch screens, plug-in cards, remote controls
Design
Cylindrical varistor element, encapsulated.
Encapsulation: thermoplastic, flame-retardant to UL 94 V-0.
Termination: tinned copper alloy, suitable for lead-free wave and reflow soldering, and
compatible with tin/lead solder.
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet. The curves are sorted by VRMS and
then by case size, which is included in the type designation.
General technical data
Maximum RMS operating voltage
VRMS,max
11 ... 300
V
Maximum DC operating voltage
VDC,max
14 ... 385
V
Maximum surge current
(8/20 µs)
Isurge,max
100 ... 1200
A
Maximum energy absorption
(2 ms)
Wmax
300 ... 23000
mJ
Maximum power dissipation
Pdiss,max
10 ... 250
mW
Maximum clamping voltage
(8/20 µs)
Vclamp,max
36 ... 775
V
Operating temperature
Top
40/+85
°C
Storage temperature
Tstg
40/+125
°C
Temperature derating
Climatic category:
40/+85
°C
SMD disk varistors (CU varistors)
Standard series
Page 3 of 33
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - CU4032K35G2

ManufacturerPart #DatasheetDescription
logo
EPCOS
CU4032K35G2 EPCOS-CU4032K35G2 Datasheet
96Kb / 7P
   Monolithic; Standard Series
More results

Similar Description - CU4032K35G2

ManufacturerPart #DatasheetDescription
logo
EPCOS
CU4032K275G2 EPCOS-CU4032K275G2_08 Datasheet
846Kb / 33P
   Ceramic transient voltage suppressors SMD disk varistors standard series
CU4032S95AG2 EPCOS-CU4032S95AG2_08 Datasheet
711Kb / 28P
   Ceramic transient voltage suppressors SMD disk varistors for telecom applications
B72660M0600S172 EPCOS-B72660M0600S172_08 Datasheet
711Kb / 28P
   Ceramic transient voltage suppressors SMD disk varistors for telecom applications
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
   SMD disk varistors standard series
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
DB Lectro Inc
TVS0805SMD DBLECTRO-TVS0805SMD Datasheet
204Kb / 6P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
TVS1210SMD DBLECTRO-TVS1210SMD Datasheet
258Kb / 7P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
TVS0603SMD DBLECTRO-TVS0603SMD Datasheet
112Kb / 3P
   VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com