Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T90-A420XSMD Datasheet(PDF) 2 Page - EPCOS

Part # T90-A420XSMD
Description  SURGE ARRESTER 3-electrode arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

T90-A420XSMD Datasheet(HTML) 2 Page - EPCOS

  T90-A420XSMD Datasheet HTML 1Page - EPCOS T90-A420XSMD Datasheet HTML 2Page - EPCOS T90-A420XSMD Datasheet HTML 3Page - EPCOS T90-A420XSMD Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X7041T902
3-electrode arrester
T90-A420XSMD
Preliminary data
KB AB E / KB AB PM
Issue 01 / 2007-09-14
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Very small size
Fast response time
High current rating
Stable performance over life
Extremely low capacitance
High insulation resistance
Excellent SMD handling
RoHS-compatible
Line protection
Station protection
Base stations
Electrical specifications
DC spark-over voltage
1) 2) 4)
DC spark-over voltage
2) 6)
357 … 525
357 … 1000
V
V
Impulse spark-over voltage
at 100 V/µs
- for 99 % of measured values
4)
- typical values of distribution
4)
at 1 kV/µs
- for 99 % of measured values
4)
- typical values of distribution
4)
at 1 kV/µs
- for 99 % of measured values
6)
- typical values of distribution
6)
< 850
< 750
< 1000
< 900
< 1800
< 1600
V
V
V
V
V
V
Service life
10 operations
50 Hz; 1 s
5)
5
A
1 operation
50 Hz; 0.18s
5)
10
A
10 operations [5x (+) & 5x (-)]
8/20 µs
5)
5
kA
1 operation
8/20 µs
5)
10
kA
1 operation
10/350 µs
5)
1
kA
300 operations
10/1000 µs
5)
200
A
Insulation resistance at 100 Vdc
4)
> 1
G
Ω
Capacitance at 1 MHz
4)
< 1.5
pF
Transverse delay time
3)
< 0.2
µs
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 10
~ 1
~ 60
V
A
V
Weight
~ 0.8
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue negative
420 YY O
420
- Nominal voltage
YY
- Year of production
O
- Non radioactive


Similar Part No. - T90-A420XSMD

ManufacturerPart #DatasheetDescription
logo
EPCOS
T90-A420XSMD EPCOS-T90-A420XSMD Datasheet
101Kb / 2P
   SURGE ARRESTER 2-electrode arrester
More results

Similar Description - T90-A420XSMD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X4030T902 EPCOS-B88069X4030T902 Datasheet
70Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8630 EPCOS-B88069X8630 Datasheet
67Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X9420B502 EPCOS-B88069X9420B502 Datasheet
66Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X3280B502 EPCOS-B88069X3280B502 Datasheet
57Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X9360B502 EPCOS-B88069X9360B502 Datasheet
49Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X9580B202 EPCOS-B88069X9580B202 Datasheet
28Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X6990B102 EPCOS-B88069X6990B102 Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X2331T902 EPCOS-B88069X2331T902 Datasheet
69Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8160B502 EPCOS-B88069X8160B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X3070C203 EPCOS-B88069X3070C203 Datasheet
54Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8220B502 EPCOS-B88069X8220B502 Datasheet
28Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com