Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLX4600LIQT7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # QLX4600LIQT7
Description  Quad Lane Extender
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

QLX4600LIQT7 Datasheet(HTML) 3 Page - Intersil Corporation

  QLX4600LIQT7 Datasheet HTML 1Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 2Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 3Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 4Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 5Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 6Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 7Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 8Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
FN6981.1
November 19, 2009
Pin Descriptions
PIN NAME
PIN NUMBER
DESCRIPTION
DT
1
Detection Threshold. Reference DC current threshold for input signal power detection. Data
output OUT[k] is muted when the power of the equalized version of IN[k] falls below the
threshold. Tie to ground to disable electrical idle preservation and always enable the limiting
amplifier.
IN1[P,N]
2, 3
Equalizer 1 differential input, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
4GHz frequency response is recommended.
VDD
4, 7, 10, 29,
32, 35
Power supply. 1.2V supply voltage. The use of parallel 100pF and 10nF decoupling capacitors to
ground is recommended for each of these pins for broad high-frequency noise suppression.
IN2[P,N]
5, 6
Equalizer 2 differential input, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
4GHz frequency response is recommended.
IN3[P,N]
8, 9
Equalizer 3 differential input, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
4GHz frequency response is recommended.
IN4[P,N]
11, 12
Equalizer 4 differential input, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
4GHz frequency response is recommended.
LOS1
13
LOS indicator 1. High output when equalized IN1 signal is below DT threshold.
LOS2
14
LOS indicator 2. High output when equalized IN2 signal is below DT threshold.
GND
15
Ground
DI
16
Serial data input, CMOS logic. Input for serial data stream to program internal registers
controlling the boost for all four equalizers. Synchronized with clock (CLK) on pin 46. Overrides
the boost setting established on CP control pins. Internally pulled down.
DO
17
Serial data output, CMOS logic. Output of the internal registers controlling the boost for all four
equalizers. Synchronized with clock on pin 46. Equivalent to serial data input on DI but delayed
by 21 clock cycles.
CP3[A,B,C]
18, 19, 20
Control pins for setting equalizer 3. CMOS logic inputs. Pins are read as a 3-digit number to set
the boost level. A is the MSB, and C is the LSB. Pins are internally pulled down through a 25kΩ
resistor.
CP4[A,B,C]
21, 22, 23
Control pins for setting equalizer 4. CMOS logic inputs. Pins are read as a 3-digit number to set
the boost level. A is the MSB, and C is the LSB. Pins are internally pulled down through a 25kΩ
resistor.
MODE
24
Boost-level control mode input, CMOS logic. Allows serial programming of internal registers
through pins DI, ENB, and Clk when set HIGH. Resets all internal registers to zero and uses boost
levels set by CP pins when set LOW. If serial programming is not used, this pin should be
grounded.
LOS4
25
LOS indicator 4. High output when equalized IN4 signal is below DT threshold.
LOS3
26
LOS indicator 3. High output when equalized IN3 signal is below DT threshold.
OUT4[N,P]
27, 28
Equalizer 4 differential output, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
4GHz frequency response is recommended.
OUT3[N,P]
30, 31
Equalizer 3 differential output, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
4GHz frequency response is recommended.
OUT2[N,P]
33, 34
Equalizer 2 differential output, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
4GHz frequency response is recommended.
OUT1[N,P]
36, 37
Equalizer 1 differential output, CML. The use of 100nF low ESL/ESR MLCC capacitor with at least
4GHz frequency response is recommended.
BGREF
38
External bandgap reference resistor. Recommended value of 6.04kΩ ±1%.
QLx4600-SL30


Similar Part No. - QLX4600LIQT7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QLX4600LIQT7 RENESAS-QLX4600LIQT7 Datasheet
1Mb / 23P
   Quad Lane Extender
More results

Similar Description - QLX4600LIQT7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
   Quad Lane Extender
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
   Quad Lane Extender
logo
Intersil Corporation
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com