Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLX4600LIQT7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # QLX4600LIQT7
Description  Quad Lane Extender
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

QLX4600LIQT7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button QLX4600LIQT7 Datasheet HTML 2Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 3Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 4Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 5Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 6Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 7Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 8Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 9Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
FN6981.1
November 19, 2009
Input Return Loss
(Common Mode)
SCC11
50MHz to 3.75GHz
6
dB
4
Input Return Loss
(Com. to Diff. Conversion)
SDC11
50MHz to 3.75GHz
20
dB
4
Output Amplitude Range
VOUT
Active data transmission mode; Measured
differentially at OUT[k]P and OUT[k]N with
50Ω load on both output pins
450
550
650
mVP-P
Line Silence mode; Measured differentially
at OUT[k]P and OUT[k]N with 50Ω load on
both output pins
10
20
mVP-P
Differential Output
Impedance
Measured on OUT[k]
80
105
120
Ω
Output Return Loss
(Differential)
SDD22
50MHz to 3.75GHz
10
dB
4
Output Return Loss
(Common Mode)
SCC22
50MHz to 3.75GHz
5
dB
4
Output Return Loss (Com.
to Diff. Conversion)
SDC22
50MHz to 3.75GHz
20
dB
4
Output Residual Jitter
2.5Gb/s, 3.125Gb/s, 4.25Gb/s, 5Gb/s; Up
to 20m 24AWG standard twin-axial cable
(approx. -25dB @ 2.5GHz); 800mVP-P
VIN ≤ 1600mVP-P
0.15
0.25
UI
3, 5, 6
2.5Gb/s, 3.125Gb/s, 4.25Gb/s, 5Gb/s;
12m 30AWG standard twin-axial cable
(approx. -30dB @ 2.5GHz); 800mVP-P
VIN ≤ 1600mVP-P
0.20
0.30
UI
3, 5, 6
2.5Gb/s, 3.125Gb/s, 4.25Gb/s, 5Gb/s;
20m 28AWG standard twin-axial cable
(approx. -35dB @ 2.5GHz); 1200mVP-P
VIN ≤ 1600mVP-P
0.25
0.35
UI
3, 5, 6
6.25Gb/s, Up to 15m 28AWG standard
twin-axial cable (approx. -30dB @
3.2GHz); 1200mVP-P ≤ VIN ≤ 1600mVP-P
0.25
0.35
UI
3, 5, 6
Output Transition Time
tr, tf
20% to 80%
306080
ps
7
Lane-to-Lane Skew
50
ps
Propagation Delay
From IN[k] to OUT[k]
500
ps
LOS Assert Time
Time to assert Loss-of-Signal (LOS)
indicator when transitioning from active
data mode to line silence mode
100
µs
8
LOS De-Assert Time
Time to assert Loss-of-Signal (LOS)
indicator when transitioning from line
silence mode to active data mode
100
µs
8
Data-to-Line Silence
Response Time
tDS
Time to transition from active data to line
silence (muted output) on 20m 24AWG
standard twin-axial cable at 5Gb/s
15
ns
8, 11
Time from last bit of ALIGN(0) for SAS OOB
signaling to line silence (<20mVP-P
output); Meritec 24AWG 20m; 3Gb/s
14
ns
12
Electrical Specifications Typical values are at VDD = 1.2V, TA = +25°C, and VIN = 800mVP-P, unless otherwise noted.
VDD = 1.1V to 1.3V, TA = 0°C to +70°C. (Continued)
PARAMETERS
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
QLx4600-SL30


Similar Part No. - QLX4600LIQT7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QLX4600LIQT7 RENESAS-QLX4600LIQT7 Datasheet
1Mb / 23P
   Quad Lane Extender
More results

Similar Description - QLX4600LIQT7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
   Quad Lane Extender
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
   Quad Lane Extender
logo
Intersil Corporation
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com