Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLX4600LIQSR Datasheet(PDF) 7 Page - Intersil Corporation

Part # QLX4600LIQSR
Description  Quad Lane Extender
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

QLX4600LIQSR Datasheet(HTML) 7 Page - Intersil Corporation

Back Button QLX4600LIQSR Datasheet HTML 3Page - Intersil Corporation QLX4600LIQSR Datasheet HTML 4Page - Intersil Corporation QLX4600LIQSR Datasheet HTML 5Page - Intersil Corporation QLX4600LIQSR Datasheet HTML 6Page - Intersil Corporation QLX4600LIQSR Datasheet HTML 7Page - Intersil Corporation QLX4600LIQSR Datasheet HTML 8Page - Intersil Corporation QLX4600LIQSR Datasheet HTML 9Page - Intersil Corporation QLX4600LIQSR Datasheet HTML 10Page - Intersil Corporation QLX4600LIQSR Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
FN6981.1
November 19, 2009
Line Silence-to-Data
Response Time
tSD
Time to transition from line silence mode
(muted output) to active data on 20m
24AWG standard twin-axial cable at 5Gb/s
20
ns
8, 11
Time from first bit of ALIGN(0) for SAS
OOB signaling to 450mVP-P output;
Meritec 24AWG 20m; 3Gb/s
19
ns
12
Timing Difference (SAS)
|t DS - t SD| For SAS OOB signaling support; Meritec
24AWG 20m
5ns
12
NOTES:
3. After channel loss, differential amplitudes at QLx4600-SL30 inputs must meet the input voltage range specified in “Absolute
Maximum Ratings” on page 5.
4. Temperature = +25°C, VDD = 1.2V.
5. Output residual jitter is the difference between the total jitter at the lane extender output and the total jitter of the transmitted
signal (as measured at the input to the channel). Total jitter (TJ) is DJPP + 14.1 x RJRMS.
6. Measured using a PRBS 27-1 pattern. Deterministic jitter at the input to the lane extender is due to frequency-dependent,
media-induced loss only.
7. Rise and fall times measured using a 1GHz clock with a 20ps edge rate.
8. For active data mode, cable input amplitude is 400mVP-P (differential) or greater. For line silence mode, cable input amplitude
is 20mVP-P (differential) or less.
9. Measured differentially across the data source.
10. During line silence, transmitter noise in excess of this voltage range may result in differential output amplitudes from the
QLx4600 that are greater than 20mVP-P.
11. The data pattern preceding line silence mode is comprised of the PCIe electrical idle ordered set (EIOS). The data pattern
following line silence mode is comprised of the PCIe electrical idle exit sequence (EIES).
12. The data pattern preceding or following line silence mode is comprised of the SAS-2 ALIGN (0) sequence for OOB signaling at
3Gb/s, and amplitude of 800mVP-P.
Electrical Specifications Typical values are at VDD = 1.2V, TA = +25°C, and VIN = 800mVP-P, unless otherwise noted.
VDD = 1.1V to 1.3V, TA = 0°C to +70°C. (Continued)
PARAMETERS
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Serial Bus Timing Characteristics
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
CLK Setup Time
tSCK
From the falling edge of ENB
10
ns
DI Setup Time
tSDI
Prior to the rising edge of CLK
10
ns
DI Hold Time
tHDI
From the rising edge of CLK
6
ns
ENB ‘HIGH’
tHEN
From the falling edge of the last data bit’s CLK
10
ns
Boost Setting Operational
tD
From ENB ‘HIGH’
10
ns
DO Hold Time
tCQ
From the rising edge of CLK to DO transition
12
ns
Clock Rate
fCLK
Reference clock for serial bus EQ programming
20
MHz
QLx4600-SL30


Similar Part No. - QLX4600LIQSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QLX4600LIQSR RENESAS-QLX4600LIQSR Datasheet
1Mb / 23P
   Quad Lane Extender
More results

Similar Description - QLX4600LIQSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
   Quad Lane Extender
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
   Quad Lane Extender
logo
Intersil Corporation
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com