Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48556 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48556
Description  Fully Differential, Mono, Ceramic Speaker Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48556 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM48556 Datasheet HTML 1Page - National Semiconductor (TI) LM48556 Datasheet HTML 2Page - National Semiconductor (TI) LM48556 Datasheet HTML 3Page - National Semiconductor (TI) LM48556 Datasheet HTML 4Page - National Semiconductor (TI) LM48556 Datasheet HTML 5Page - National Semiconductor (TI) LM48556 Datasheet HTML 6Page - National Semiconductor (TI) LM48556 Datasheet HTML 7Page - National Semiconductor (TI) LM48556 Datasheet HTML 8Page - National Semiconductor (TI) LM48556 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (SV
DD, PVDD)
(Note 1)
5.25V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally limited
ESD Rating(Note 4)
2000V
ESD Rating (Note 5)
200V
Junction Temperature
150°C
Thermal Resistance
 θ
JA (TL)
114°C/W
Soldering Information
See AN-1112 Micro SMD Wafer Level Chip Scale
Operating Ratings
Temperature Range
T
MIN TA TMAX
−40°C
T
A +85°C
Supply Voltage (SV
DD, PVDD)
2.7V
_V
DD 5.0V
Electrical Characteristics V
DD = 3.6V (Note 2)
The following specifications apply for V
DD = 3.6V, AV-BTL = 20dB (R F = 200kΩ, RIN = 20kΩ), ZL = 15Ω+1μF, unless otherwise
specified. Limits apply for T
A = 25°C.
Symbol
Parameter
Conditions
LM48556
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V
4.8
7
mA (max)
I
SD
Shutdown Current
V
SD = GND (Note 8)
0.1
1
µA (max)
V
OS
Output Offset Voltage
C
IN = 0.47μF, AV = 1V/V (0dB)
0.6
4
mV (max)
T
WU
Wake-up Time
0.5
ms
V
OUT
Output Voltage Swing
THD+N = 1% (max); f = 1kHz
14.2
V
PP
THD+N = 1% (max); f = 10kHz
11.5
11
V
PP (min)
THD+N
Total Harmonic Distortion + Noise
V
OUT = 11VPP, f = 1kHz
A
V = 0dB
0.005
%
A
V = 20dB
0.03
%
ε
OS
Output Noise
A-weighted filter, V
IN = 0V
Input referred
8
μV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVPP, f = 217Hz
80
60
dB (min)
CMRR
Common Mode Rejection Ratio
Input Referred
70
60
dB (min)
V
LH
Logic High Threshold Voltage
1.2
V (min)
V
LL
Logic Low Threshold Voltage
0.45
V (max)
Electrical Characteristics V
DD = 4.5V (Note 2)
The following specifications apply for V
DD = 4.5V, AV-BTL = 20dB (R F = 200kΩ, RIN = 20kΩ), ZL = 15Ω+1μF, unless otherwise
specified. Limits apply for T
A = 25°C.
Symbol
Parameter
Conditions
LM48556
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V
6.5
10
mA (max)
I
SD
Shutdown Current
V
SD = GND (Note 8)
0.1
1
µA (max)
V
OS
Output Offset Voltage
C
IN = 0.47μF, AV = 1V/V (0dB)
0.6
4
mV (max)
T
WU
Wake-up Time
0.5
ms (max)
V
OUT
Output Voltage Swing
THD+N = 1% (max); f = 1kHz
17.5
V
PP
THD+N = 1% (max); f = 10kHz
14.6
14
V
PP (min)
THD+N
Total Harmonic Distortion + Noise
V
OUT = 14VPP, f = 1kHz
A
V = 0dB
0.005
%
A
V = 20dB
0.03
%
ε
OS
Output Noise
A-weighted filter, V
IN = 0V
Input referred
8
μV
5
www.national.com


Similar Part No. - LM48556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48556 TI1-LM48556 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556TL/NOPB TI1-LM48556TL/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556TLX/NOPB TI1-LM48556TLX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
More results

Similar Description - LM48556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
Eutech Microelectronics...
EUA6288 EUTECH-EUA6288 Datasheet
131Kb / 1P
   14VP-P, Mono, Class G Ceramic Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
   Mono CODEC with Speaker Driver
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
   MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
   MONO CODEC WITH SPEAKER DRIVER
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
   Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
   Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
   Mono CODEC with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com