Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2758 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2758
Description  Switched Capacitor Flash LED Driver in micro SMD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2758 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2758 Datasheet HTML 1Page - National Semiconductor (TI) LM2758 Datasheet HTML 2Page - National Semiconductor (TI) LM2758 Datasheet HTML 3Page - National Semiconductor (TI) LM2758 Datasheet HTML 4Page - National Semiconductor (TI) LM2758 Datasheet HTML 5Page - National Semiconductor (TI) LM2758 Datasheet HTML 6Page - National Semiconductor (TI) LM2758 Datasheet HTML 7Page - National Semiconductor (TI) LM2758 Datasheet HTML 8Page - National Semiconductor (TI) LM2758 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram
12-Bump Thin Micro SMD
1.514mm x 1.996mm x 0.6mm
NS Package Number TLA12
30045302
Pin Descriptions
Pin
Name
Description
C1
V
IN
Supply voltage connection.
B2
CP
OUT
Charge pump regulated output. A 2.2 µF ceramic capacitor is required from CP
OUT to
GND. Connect flash LED anode to this pin.
B1
C1+
Flying capacitor pins. A 1 µF ceramic capacitor should be connected from C1+ to C1−
and from C2+ to C2−.
D2
C1−
C2
C2+
D1
C2−
A2
SGND
Analog and control ground for charge pump. This pin should be connected directly to a
low impedance ground plane.
C3
LED−
Regulated current source output. Connect flash LED cathode to this pin.
A1
EN1
The EN1 and EN2 pins are used to select the modes (Torch, Indictor, Flash), as well as
to put the part into Shutdown mode.
B3
EN2
A3
I
SET
LED current programming resistor pin. A resistor connected between this pin and GND
are used to set Torch, Flash and Indicator currents.
D3
PGND
Power ground for the charge pump and the current source. This pin should be connected
directly to a low impedance ground plane.
Ordering Information
Order Number
Supplied as Tape and Reel (Units)
LM2758TL
250 units, tape and reel
LM2758TLX
3000 units, tape and reel
www.national.com
2


Similar Part No. - LM2758

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2758 TI1-LM2758 Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
LM2758TL/NOPB TI1-LM2758TL/NOPB Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
LM2758TLX/NOPB TI1-LM2758TLX/NOPB Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
More results

Similar Description - LM2758

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
National Semiconductor ...
LM2753 NSC-LM2753 Datasheet
520Kb / 8P
   High Power Switched Capacitor Voltage Convertor/Flash LED Driver
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
logo
Texas Instruments
LM2753 TI1-LM2753 Datasheet
1Mb / 20P
[Old version datasheet]   LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
LM2759 TI1-LM2759_13 Datasheet
2Mb / 21P
[Old version datasheet]   LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2754 TI1-LM2754 Datasheet
2Mb / 19P
[Old version datasheet]   LM2754 800mA Switched Capacitor Flash LED Driver with Time-Out Protection
logo
National Semiconductor ...
LM2759 NSC-LM2759 Datasheet
119Kb / 2P
   PRODUCT BRIEF 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com