Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2758 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2758
Description  Switched Capacitor Flash LED Driver in micro SMD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2758 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2758 Datasheet HTML 1Page - National Semiconductor (TI) LM2758 Datasheet HTML 2Page - National Semiconductor (TI) LM2758 Datasheet HTML 3Page - National Semiconductor (TI) LM2758 Datasheet HTML 4Page - National Semiconductor (TI) LM2758 Datasheet HTML 5Page - National Semiconductor (TI) LM2758 Datasheet HTML 6Page - National Semiconductor (TI) LM2758 Datasheet HTML 7Page - National Semiconductor (TI) LM2758 Datasheet HTML 8Page - National Semiconductor (TI) LM2758 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation
of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions,
see the Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential to the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at T
J=150°C (typ.) and disengages at TJ =
140°C (typ.).
Note 4: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
Note 5: For detailed soldering specifications and information, please refer to National Semiconductor Application Note AN-1112.
Note 6: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (T
A-MAX) is dependent on the maximum operation junction temperature (TJ-MAX-OP = 125ºC), the maximum power
dissipation of the device in the application (P
D-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: T
A-MAX = TJ-MAX-OP - (θJA × PD-MAX).
Note 7: Junction-to-ambient thermal resistance (
θ
JA) is taken from a thermal modeling result, performed under the conditions and guidelines set forth in the
JEDEC standard JESD51-7. The test board is a 4–layer FR-4 board measuring 102 mm x 76 mm x 1.6 mm with a 2x1 array of thermal vias. The ground plane
on the board is 50 mm x 50 mm. Thickness of copper layers are 53µm/35µm/35µm/53µm (1.5oz/1oz/1oz/1.5oz). Ambient temperature in simulation is 22°C, still
air. Power dissipation is 1W.
The value of
θ
JA of this product in this micro SMD could fall in a range as wide as 50ºC/W to 150ºC/W (if not wider), depending on PWB material, layout, and
environmental conditions. In applications where high maximum power dissipation exists (high V
IN, high IOUT), special care must be paid to thermal dissipation
issues.
Note 8: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical (Typ) numbers are not guaranteed, but do represent the most likely
norm. Unless otherwise specified, conditions for Typ specifications are: V
IN = 3.6V and TA = 25°C.
Note 9: C
IN, COUT, C1, C2: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Note 10: Output voltage is internally limited not to exceed maximum specified value.
Note 11: These specification table entries are guaranteed by design. These parameters are not guaranteed by production testing. The temperature limits for test
are (-40°C
T
A +85°C).
Note 12: The temperature limits for I
SD (shutdown current) test are -40°C TA +85°C, as in Shutdown mode ambient temperature is equal to junction
temperature.
Note 13: The time-out specifications are calculated values based on the switching frequency spread.
www.national.com
4


Similar Part No. - LM2758

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2758 TI1-LM2758 Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
LM2758TL/NOPB TI1-LM2758TL/NOPB Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
LM2758TLX/NOPB TI1-LM2758TLX/NOPB Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
More results

Similar Description - LM2758

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
National Semiconductor ...
LM2753 NSC-LM2753 Datasheet
520Kb / 8P
   High Power Switched Capacitor Voltage Convertor/Flash LED Driver
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
logo
Texas Instruments
LM2753 TI1-LM2753 Datasheet
1Mb / 20P
[Old version datasheet]   LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
LM2759 TI1-LM2759_13 Datasheet
2Mb / 21P
[Old version datasheet]   LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2754 TI1-LM2754 Datasheet
2Mb / 19P
[Old version datasheet]   LM2754 800mA Switched Capacitor Flash LED Driver with Time-Out Protection
logo
National Semiconductor ...
LM2759 NSC-LM2759 Datasheet
119Kb / 2P
   PRODUCT BRIEF 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com