Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8322 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM8322
Description  Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8322 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM8322 Datasheet HTML 1Page - National Semiconductor (TI) LM8322 Datasheet HTML 2Page - National Semiconductor (TI) LM8322 Datasheet HTML 3Page - National Semiconductor (TI) LM8322 Datasheet HTML 4Page - National Semiconductor (TI) LM8322 Datasheet HTML 5Page - National Semiconductor (TI) LM8322 Datasheet HTML 6Page - National Semiconductor (TI) LM8322 Datasheet HTML 7Page - National Semiconductor (TI) LM8322 Datasheet HTML 8Page - National Semiconductor (TI) LM8322 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
7.0 Signal Descriptions
Pin
Function
I/O
Description
A6
KP-X0
Input
Wake-up input/Keyboard scanning input 0
A5
KP-X1
Input
Wake-up input/Keyboard scanning input 1
F1
KP-X2
Input
Wake-up input/Keyboard scanning input 2
F2
KP-X3
Input
Wake-up input/Keyboard scanning input 3
GPIO_13
I/O
General-purpose I/O port 13
A2
KP-X4
Input
Wake-up input/Keyboard scanning input 4
GPIO_12
I/O
General-purpose I/O port 12
B3
KP-X5
Input
Wake-up input/Keyboard scanning input 5
GPIO_11
I/O
General-purpose I/O port 11
A3
KP-X6
Input
Wake-up input/Keyboard scanning input 6
GPIO_10
I/O
General-purpose I/O port 10
B4
KP-X7
Input
Wake-up input/Keyboard scanning input 7
GPIO_09
Input
General-purpose I/O port 9
C6
KP_Y0
Output
Keyboard scanning output 0
C5
KP-Y1
Output
Keyboard scanning output 1
B6
KP-Y2
Output
Keyboard scanning output 2
B5
KP-Y3
Output
Keyboard scanning output 3
GPIO_08
I/O
General-purpose I/O port 8
B2
KP-Y4
Output
Keyboard scanning output 4
GPIO_07
I/O
General-purpose I/O port 7
A1
KP-Y5
Output
Keyboard scanning output 5
GPIO_06
I/O
General-purpose I/O port 6
B1
KP-Y6
Output
Keyboard scanning output 6
GPIO_05
I/O
General-purpose I/O port 5
C2
KP-Y7
Output
Keyboard scanning output 7
GPIO_04
I/O
General-purpose I/O port 4
E3
KP-Y8
Output
Keyboard scanning output 8
SLOWCLKOUT
Output
32.768 kHz clock output
GPIO_03
I/O
General-purpose I/O port 3
D5
KP-Y9
Output
Keyboard scanning output 9
MUX2_IN1
Input
Multiplexer 2 input 1
GPIO_02
I/O
General-purpose I/O port 2
E6
KP-Y10
Output
Keyboard scanning output 10
MUX2_IN2
Input
Multiplexer 2 input 2
GPIO_01
I/O
General-purpose I/O port 1
F6
KP-Y11
Output
Keyboard scanning output 11
MUX2_OUT
Output
Multiplexer 2 output
GPIO_00
I/O
General-purpose I/O port 0
E2
ACB_SDA
I/O
ACCESS.bus data signal
E1
ACB_SCL
I/O
ACCESS.bus clock signal
E4
PWM_0
Output
Pulse-width modulated output 0
MUX_IN1
Input
Multiplexer 1 input 1
F5
PWM_1
Output
Pulse-width modulated output 1
MUX_IN2
Input
Multiplexer 1 input 2
E5
PWM_2
Output
Pulse-width modulated output 2
MUX1_OUT
Output
Multiplexer 1 output
CONFIG_2
Input
Slave address select input 2
GPIO_15
I/O
General-purpose I/O port 15
5
www.national.com


Similar Part No. - LM8322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM832 NSC-LM832 Datasheet
197Kb / 10P
   Dynamic Noise Reduction System DNR
August 1989
logo
Texas Instruments
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323 Datasheet
1Mb / 47P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323JGR8 TI1-LM8323JGR8 Datasheet
597Kb / 46P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323JGR8AXM TI1-LM8323JGR8AXM Datasheet
597Kb / 46P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results

Similar Description - LM8322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333_07 Datasheet
620Kb / 18P
   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
logo
Texas Instruments
LM8333 TI1-LM8333 Datasheet
1Mb / 26P
[Old version datasheet]   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM and ACCESS.bus Host Interface
LM8333 TI1-LM8333_14 Datasheet
1Mb / 26P
[Old version datasheet]   Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328 Datasheet
666Kb / 60P
[Old version datasheet]   LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327 Datasheet
740Kb / 72P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8328 TI1-LM8328_16 Datasheet
1Mb / 56P
[Old version datasheet]   LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323 Datasheet
597Kb / 46P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8323 TI1-LM8323_14 Datasheet
1Mb / 47P
[Old version datasheet]   LM8323 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8327 TI1-LM8327_14 Datasheet
1Mb / 65P
[Old version datasheet]   LM8327 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
LM8325-1 TI1-LM8325-1_13 Datasheet
1Mb / 57P
[Old version datasheet]   LM8325-1 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com