Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5041AMTC Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5041AMTC
Description  Cascaded PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5041AMTC Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5041AMTC Datasheet HTML 6Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 7Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 8Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 9Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 10Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 11Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 12Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 13Page - National Semiconductor (TI) LM5041AMTC Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Detailed Operating Description
The LM5041A PWM controller contains all of the features
necessary to implement either current-fed or voltage-fed
push-pull or bridge power converters. These “Cascaded”
topologies are well suited for multiple output and higher
power applications. The LM5041A’s four control outputs in-
clude: the buck stage controls (HD and LD) and the push-
pull control outputs (PUSH and PULL). Push-pull outputs are
driven at 50% nominal duty cycle at one half of the switching
frequency of the buck stage and can be configured for either
a guaranteed overlap time (for current-fed applications) or a
guaranteed both-off time (for voltage-fed applications).
Push-pull stage MOSFETs can be driven directly from the
internal gate drivers while the buck stage requires an exter-
nal driver such as the LM5102. The LM5041A includes a
high-voltage start-up regulator that operates over a wide
input range of 15V to 100V. The PWM controller is designed
for high-speed capability including an oscillator frequency
range up to 1 MHz and total propagation delays of less than
100ns. Additional features include: line Under-Voltage Lock-
out (UVLO), soft-start, an error amplifier, precision voltage
reference, and thermal shutdown.
High Voltage Start-Up Regulator
The LM5041A contains an internal high-voltage start-up
regulator, thus the input pin (Vin) can be connected directly
to the line voltage. The regulator output is internally current
limited to 15mA. When power is applied, the regulator is
enabled and sources current into an external capacitor con-
nected to the Vcc pin. The recommended capacitance range
for the Vcc regulator is 0.1uF to 100uF. When the voltage on
the Vcc pin reaches the regulation point of 9V and the
internal voltage reference (REF) reaches its regulation point
of 5V, the controller outputs are enabled. The Buck stage
outputs will remain enabled until Vcc falls below 7V or the
line Under-Voltage Lockout detector indicates that Vin is out
of range. The push-pull outputs continue switching until the
REF pin voltage falls below approximately 3V. In typical
applications, an auxiliary transformer winding is connected
through a diode to the Vcc pin. This winding must raise the
Vcc voltage above 9.3V to shut off the internal start-up
regulator. Powering V
CC from an auxiliary winding improves
efficiency while reducing the controller’s power dissipation.
The recommended capacitance range for the Vref regulator
output is 0.1uF to 10uF.
The external V
CC capacitor must be sized such that the
capacitor maintains a V
CC voltage greater than 7V during the
initial start-up. During a fault mode when the converter aux-
iliary winding is inactive, external current draw on the V
CC
line should be limited so the power dissipated in the start-up
regulator does not exceed the maximum power dissipation
of the controller.
An external start-up or other bias rail can be used instead of
the internal start-up regulator by connecting the V
CC and the
V
IN pins together and feeding the external bias voltage into
the two pins.
Line Under-Voltage Detector
The LM5041A contains a line Under-Voltage Lockout
(UVLO) circuit. An external set-point resistor divider from V
IN
to ground sets the operational range of the converter. The
divider must be designed such that the voltage at the UVLO
pin will be greater than 2.5V when V
IN is in the desired
operating range. If the Under-Voltage threshold is not met,
all functions of the controller are disabled and the controller
will enter a low-power state with input current <300µA.
ULVO hysteresis is accomplished with an internal 20µA cur-
rent source that is switched on or off into the impedance of
the set-point divider. When the UVLO threshold is exceeded,
the current source is activated to instantly raise the voltage
at the UVLO pin. When the UVLO pin falls below the 2.5V
threshold, the current source is turned off causing the volt-
age at the UVLO pin to fall. The UVLO pin can also be used
to implement a remote enable / disable function. By shorting
the UVLO pin to ground, the converter can be disabled.
Buck Stage Control Outputs
The LM5041A Buck switch maximum duty cycle clamp en-
sures that there will be sufficient off time each cycle to
recharge the bootstrap capacitor used in the high side gate
driver. The Buck switch is guaranteed to be off, and the sync
switch on, for at least 250ns per switching cycle. The Buck
stage control outputs (LD and HD) are CMOS buffers with
logic levels of 0 to 5V.
During any fault state or Under-Voltage off state, the buck
stage control outputs will default to HD low and LD high.
Push-Pull Outputs
The push pull outputs operate continuously at a nominal
50% duty cycle. A distinguishing feature of the LM5041A is
the ability to accurately configure either dead time (both-off)
or overlap time (both-on) on the complementary push-pull
outputs. The overlap/dead time magnitude is controlled by a
resistor connected to the TIME pin on the controller. The
TIME pin holds one end of the resistor at 2.5V and the other
end of the resistor should be connected to either REF for
dead time control setting or to GND for overlap control. The
polarity of the current in the TIME is detected by the
LM5041A The magnitude of the overlap/dead time can be
calculated as follows:
Overlap Time (ns) = (3.66 x R
SET)+7
Overlap Time in ns, R
SET connected to GND, RSET in k
Dead Time (ns) = (3.69 x R
SET)+21
Dead Time in ns, R
SET connected to REF, RSET in k
Recommended R
SET programming range: 10k
Ω to 100kΩ
Current-fed designs require a period of overlap to insure
there is a continuous path for the buck inductor current.
Voltage-fed designs require a period of dead time to insure
there is no time when the push-pull transformer acts as a
shorted turn to the low impedance sourcing node. The push-
pull outputs alternate continuously under all conditions pro-
vided REF the voltage is greater than 3V.
www.national.com
10


Similar Part No. - LM5041AMTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5041AMTC TI-LM5041AMTC Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
LM5041AMTC-NOPB TI-LM5041AMTC-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
LM5041AMTC/NOPB TI-LM5041AMTC/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
LM5041AMTCX TI-LM5041AMTCX Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
LM5041AMTCX-NOPB TI-LM5041AMTCX-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
More results

Similar Description - LM5041AMTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5041 TI1-LM5041_14 Datasheet
1Mb / 21P
[Old version datasheet]   Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
logo
National Semiconductor ...
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041 NSC-LM5041 Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041B TI-LM5041B_15 Datasheet
989Kb / 20P
[Old version datasheet]   Cascaded PWM Controller
LM5041MTCX TI-LM5041MTCX Datasheet
1Mb / 22P
[Old version datasheet]   LM5041 Cascaded PWM Controller
LM5041A TI-LM5041A_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
LM5041AMTCX TI-LM5041AMTCX Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com