Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5109A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5109A
Description  High Voltage 1A Peak Half Bridge Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5109A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5109A Datasheet HTML 1Page - National Semiconductor (TI) LM5109A Datasheet HTML 2Page - National Semiconductor (TI) LM5109A Datasheet HTML 3Page - National Semiconductor (TI) LM5109A Datasheet HTML 4Page - National Semiconductor (TI) LM5109A Datasheet HTML 5Page - National Semiconductor (TI) LM5109A Datasheet HTML 6Page - National Semiconductor (TI) LM5109A Datasheet HTML 7Page - National Semiconductor (TI) LM5109A Datasheet HTML 8Page - National Semiconductor (TI) LM5109A Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
DD to VSS
-0.3V to 18V
HB to HS
−0.3V to 18V
LI or HI to V
SS
−0.3V to V
DD +0.3V
LO to V
SS
−0.3V to V
DD +0.3V
HO to V
SS
V
HS −0.3V to VHB +0.3V
HS to V
SS (Note 6)
−5V to 90V
HB to V
SS
108V
Junction Temperature
-40˚C to +150˚C
Storage Temperature Range
−55˚C to +150˚C
ESD Rating HBM (Note 2)
1.5 kV
Recommended Operating
Conditions
V
DD
8V to 14V
HS (Note 6)
−1V to 90V
HB
V
HS +8V to VHS +14V
HS Slew Rate
< 50 V/ns
Junction Temperature
−40˚C to +125˚C
Electrical Characteristics
Specifications in standard typeface are for T
J = +25˚C, and those in boldface type apply over the full operating junction tem-
perature range. Unless otherwise specified, V
DD =VHB = 12V, VSS =VHS = 0V, No Load on LO or HO (Note 4).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SUPPLY CURRENTS
I
DD
V
DD Quiescent Current
LI = HI = 0V
0.3
0.6
mA
I
DDO
V
DD Operating Current
f = 500 kHz
1.8
2.9
mA
I
HB
Total HB Quiescent Current
LI = HI = 0V
0.06
0.2
mA
I
HBO
Total HB Operating Current
f = 500 kHz
1.4
2.8
mA
I
HBS
HB to V
SS Current, Quiescent
V
HS =VHB = 90V
0.1
10
µA
I
HBSO
HB to V
SS Current, Operating
f = 500 kHz
0.5
mA
INPUT PINS LI and HI
V
IL
Low Level Input Voltage Threshold
0.8
1.8
V
V
IH
High Level Input Voltage Threshold
1.8
2.2
V
R
I
Input Pulldown Resistance
100
200
500
k
UNDER VOLTAGE PROTECTION
V
DDR
V
DD Rising Threshold
V
DDR =VDD -VSS
6.0
6.7
7.4
V
V
DDH
V
DD Threshold Hysteresis
0.5
V
V
HBR
HB Rising Threshold
V
HBR =VHB -VHS
5.7
6.6
7.1
V
V
HBH
HB Threshold Hysteresis
0.4
V
LO GATE DRIVER
V
OLL
Low-Level Output Voltage
I
LO = 100 mA
V
OHL =VLO –VSS
0.38
0.65
V
V
OHL
High-Level Output Voltage
I
LO = −100 mA,
V
OHL =VDD–VLO
0.72
1.20
V
I
OHL
Peak Pullup Current
V
LO = 0V
1.0
A
I
OLL
Peak Pulldown Current
V
LO = 12V
1.0
A
HO GATE DRIVER
V
OLH
Low-Level Output Voltage
I
HO = 100 mA
V
OLH =VHO–VHS
0.38
0.65
V
V
OHH
High-Level Output Voltage
I
HO = −100 mA
V
OHH =VHB–VHO
0.72
1.20
V
I
OHH
Peak Pullup Current
V
HO = 0V
1.0
A
I
OLH
Peak Pulldown Current
V
HO = 12V
1.0
A
THERMAL RESISTANCE
θ
JA
Junction to Ambient
SOIC-8 (Note 3), (Note 5)
160
˚C/W
LLP-8 (Note 3), (Note 5)
40
www.national.com
3


Similar Part No. - LM5109A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5109A TI-LM5109A Datasheet
796Kb / 16P
[Old version datasheet]   LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
[Old version datasheet]   LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109AMA TI1-LM5109AMA Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
LM5109AMA/NOPB TI1-LM5109AMA/NOPB Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
More results

Similar Description - LM5109A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
[Old version datasheet]   LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
[Old version datasheet]   LM5109B High Voltage 1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
   100V / 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
LM5109B-Q1 TI-LM5109B-Q1 Datasheet
755Kb / 22P
[Old version datasheet]   High Voltage 1-A Peak Half Bridge Gate Driver
LM5109B TI1-LM5109B Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage 1-A Peak Half-Bridge Gate Driver
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
   100V / 1.4A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com