Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6628EP Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6628EP
Description  Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6628EP Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6628EP Datasheet HTML 1Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 2Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 3Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 4Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 5Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 6Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 7Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 8Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 7)
Human Body Model
2kV
Machine Model
200V
Supply Voltage
13.5
Short Circuit Current
(Note 6)
Common-Mode Input Voltage
V+ - V
Differential Input Voltage
V+ - V
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (soldering 10 sec)
+300°C
Operating Ratings (Note 4)
Thermal Resistance (Note 8)
Package
(
θ
JC)
(
θ
JA)
SOIC
65°C/W
145°C/W
Temperature Range
−40°C to +85°C
Nominal Supply Voltage
±2.5V to ±6V
Electrical Characteristics (Note 5)
V
CC = ±5V, AV = +2V/V, RF = 100Ω, RG = 100Ω, RL = 100Ω; unless otherwise specified. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
GB
Gain Bandwidth Product
V
O < 0.5VPP
200
MHz
SSBW
-3dB Bandwidth, A
V = +1
V
O < 0.5VPP
180
300
MHz
SSBW
-3dB Bandwidth, A
V = +2
V
O < 0.5VPP
100
MHz
GFL
Gain Flatness
V
O< 0.5VPP
GFP
Peaking
DC to 200MHz
0.0
dB
GFR
Rolloff
DC to 20MHz
.1
dB
LPD
Linear Phase Deviation
DC to 20MHz
.1
deg
Time Domain Response
TR
Rise and Fall Time
1V Step
4
ns
TS
Settling Time
2V Step to 0.1%
12
ns
OS
Overshoot
1V Step
1
%
SR
Slew Rate
4V Step
300
550
V/µs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
1V
PP, 10MHz
−65
dBc
HD3
3rd Harmonic Distortion
1V
PP, 10MHz
−74
dBc
Equivalent Input Noise
V
N
Voltage
1MHz to 100MHz
2
nV/
I
N
Current
1MHz to 100MHz
2
pA/
XTLKA
Crosstalk
Input Referred, 10MHz
−62
dB
Static, DC Performance
G
OL
Open-Loop Gain
56
53
63
dB
V
IO
Input Offset Voltage
±.5
±2
±2.6
mV
DV
IO
Average Drift
5
µV/°C
I
BN
Input Bias Current
±.7
±20
±30
µA
DI
BN
Average Drift
150
nA/°C
I
OS
Input Offset Current
0.3
±6
µA
I
OSD
Average Drift
5
nA/°C
PSRR
Power Supply Rejection Ratio
60
46
70
dB
CMRR
Common-Mode Rejection Ratio
57
54
62
dB
3
www.national.com
200886 Version 4 Revision 2
Print Date/Time: 2010/10/15 15:22:20


Similar Part No. - LMH6628EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628J-QML NSC-LMH6628J-QML Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
LMH6628J-QMLV NSC-LMH6628J-QMLV Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
More results

Similar Description - LMH6628EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com