Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6628EP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6628EP
Description  Enhanced Plastic Dual Wideband, Low Noise, Voltage Feedback Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6628EP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6628EP Datasheet HTML 1Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 2Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 3Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 4Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 5Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 6Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 7Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 8Page - National Semiconductor (TI) LMH6628EP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMH6628EP
OBSOLETE
October 15, 2010
Enhanced Plastic Dual Wideband, Low Noise, Voltage
Feedback Op Amp
General Description
The National LMH6628EP is a high speed dual op amp that
offers a traditional voltage feedback topology featuring unity
gain stability and slew enhanced circuitry. The LMH6628EP's
low noise and very low harmonic distortion combine to form
a wide dynamic range op amp that operates from a single (5V
to 12V) or dual (±5V) power supply.
Each of the LMH6628EP's closely matched channels pro-
vides a 300MHz unity gain bandwidth and low input voltage
noise density (2nV/
). Low 2nd/3rd harmonic distortion
(−65/−74dBc at 10MHz) make the LMH6628EP a perfect
wide dynamic range amplifier for matched I/Q channels.
With its fast and accurate settling (12ns to 0.1%), the
LMH6628EP is also an excellent choice for wide dynamic
range, anti-aliasing filters to buffer the inputs of hi resolution
analog-to-digital converters. Combining the LMH6628EP's
two tightly matched amplifiers in a single 8-pin SOIC package
reduces cost and board space for many composite amplifier
applications such as active filters, differential line drivers/re-
ceivers, fast peak detectors and instrumentation amplifiers.
The LMH6628EP is fabricated using National’s VIP10™ com-
plimentary bipolar process.
To reduce design times and assist in board layout, the
LMH6628EP
is
supported
by
an
evaluation
board
(CLC730036).
ENHANCED PLASTIC
Extended Temperature Performance of −40°C to +85°C
Baseline Control - Single Fab & Assembly Site
Process Change Notification (PCN)
Qualification & Reliability Data
Solder (PbSn) Lead Finish is standard
Enhanced Diminishing Manufacturing Sources (DMS)
Support
Features
Wide unity gain bandwidth: 300MHz
Low noise: 2nV/
Low Distortion: −65/−74dBc (10MHz)
Settling time: 12ns to 0.1%
Wide supply voltage range: ±2.5V to ±6V
High output current: ±85mA
Improved replacement for CLC428
Applications
High speed dual op amp
Low noise integrators
Selected Military Applications
Selected Avionics Applications
Ordering Information
Part Number
VID Part Number
NS Package Number (Note 3)
LMH6628MAEP
V62/04624-01
M08A
(Note 1, Note 2)
TBD
TBD
Note 1: For the following (Enhanced Plastic) version, check for availability: LMH6628MAXEP. Parts listed with an "X" are provided in Tape & Reel
and parts without an "X" are in Rails.
Note 2: FOR ADDITIONAL ORDERING AND PRODUCT INFORMATION, PLEASE VISIT THE ENHANCED PLASTIC WEB SITE AT: www.national.com/
mil
Note 3: Refer to package details under Physical Dimensions
VIP10is a trademark of National Semiconductor Corporation.
© 2010 National Semiconductor Corporation
200886
www.national.com
200886 Version 4 Revision 2
Print Date/Time: 2010/10/15 15:22:20


Similar Part No. - LMH6628EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
LMH6628 NSC-LMH6628 Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628J-QML NSC-LMH6628J-QML Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
LMH6628J-QMLV NSC-LMH6628J-QMLV Datasheet
176Kb / 12P
   DUAL WIDEBAND, LOW-NOISE, VOLTAGE FEEDBACK OP AMP, GUARANTEED TO 300k rd (si) TESTED TO MIL-STD-883, METHOD 1019
More results

Similar Description - LMH6628EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML Datasheet
450Kb / 18P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628 TI1-LMH6628 Datasheet
1Mb / 21P
[Old version datasheet]   LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
MNLMH6624-X NSC-MNLMH6624-X Datasheet
180Kb / 12P
   ULTRA LOW NOISE WIDEBAND OP AMP
CLC425 NSC-CLC425 Datasheet
1Mb / 9P
   Ultra Low Noise Wideband Op Amp
logo
Texas Instruments
CLC425 TI1-CLC425 Datasheet
1Mb / 18P
[Old version datasheet]   Ultra Low Noise Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com