Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48861 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48861
Description  Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48861 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM48861 Datasheet HTML 1Page - National Semiconductor (TI) LM48861 Datasheet HTML 2Page - National Semiconductor (TI) LM48861 Datasheet HTML 3Page - National Semiconductor (TI) LM48861 Datasheet HTML 4Page - National Semiconductor (TI) LM48861 Datasheet HTML 5Page - National Semiconductor (TI) LM48861 Datasheet HTML 6Page - National Semiconductor (TI) LM48861 Datasheet HTML 7Page - National Semiconductor (TI) LM48861 Datasheet HTML 8Page - National Semiconductor (TI) LM48861 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Connection Diagrams
TM Package
1.215mm x 1.615mm x 0.6mm
300541a8
Top View
Order Number LM48861TM
See NS Package Number TMD12AAA
12 – Bump TM Marking
300541h5
Top View
X = Date code
V = Lot traceability
G = Boomer
K3 = LM48861TM
Ordering Information
Order Number
Package
Package DWG #
Transport Media
MSL Level
Green Status
LM48861TM
12 Bump microSMD
0.4mm Pitch
TMD12AAA
250 and 3000 units on tape
and reel
1
RoHS/no Sb/Br
Bump Description
Bump
Name
Description
A1
CPP
Charge Pump Flying Capacitor Positive Terminal
A2
PGND
Power Ground
A3
CPN
Charge Pump Flying Capacitor Negative Terminal
B1
V
DD
Positive Power Supply
B2
SHDN
Active Low Shutdown
B3
CPV
SS
Charge Pump Output
C1
OUTL
Left Channel Output
C2
V
SS
Negative Power Supply
C3
INL
Left Channel Input
D1
OUTR
Right Channel Output
D2
COM
Ground reference for inputs and HP
D3
INR
Right Channel Input
3
www.national.com


Similar Part No. - LM48861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48861 TI1-LM48861 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861TM/NOPB TI1-LM48861TM/NOPB Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861TMBD TI1-LM48861TMBD Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results

Similar Description - LM48861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com