Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38512TS Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38512TS
Description  1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38512TS Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP38512TS Datasheet HTML 1Page - National Semiconductor (TI) LP38512TS Datasheet HTML 2Page - National Semiconductor (TI) LP38512TS Datasheet HTML 3Page - National Semiconductor (TI) LP38512TS Datasheet HTML 4Page - National Semiconductor (TI) LP38512TS Datasheet HTML 5Page - National Semiconductor (TI) LP38512TS Datasheet HTML 6Page - National Semiconductor (TI) LP38512TS Datasheet HTML 7Page - National Semiconductor (TI) LP38512TS Datasheet HTML 8Page - National Semiconductor (TI) LP38512TS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP38512-1.8
March 6, 2009
1.5A Fast-Transient Response Low-Dropout Linear
Voltage Regulator with Error Flag
General Description
The LP38512-1.8 Fast-Transient Response Low-Dropout
Voltage Regulator offers the highest-performance in meeting
AC and DC accuracy requirements for powering Digital
Cores. The LP38512-1.8 uses a proprietary control loop that
enables extremely fast response to change in line conditions
and load demands. Output Voltage DC accuracy is guaran-
teed at 2.5% over line, load and full temperature range from
-40°C to +125°C. The LP38512-1.8 is designed for inputs
from the 2.5V, 3.3V, and 5.0V rail, is stable with 10
μF ceramic
capacitors, and has a fixed 1.8V output. An Error Flag feature
monitors the output voltage and notifies the system processor
when the output voltage falls more than 15% below the nom-
inal value. The LP38512-1.8 provides excellent transient per-
formance to meet the demand of high performance digital
core ASICs, DSPs, and FPGAs found in highly-intensive ap-
plications such as servers, routers/switches, and base sta-
tions.
Features
2.25V to 5.5V Input Voltage Range
1.8V Fixed Output Voltage
1.5A Output Load Current
±2.5% Accuracy over Line, Load, and Full-Temperature
Range from -40°C to +125°C
Stable with tiny 10 µF ceramic capacitors
0.20% Output Voltage Load Regulation from 10 mA to
1.5A
Enable pin
Error Flag Indicates Status of Output Voltage
1uA of Quiescent current in Shutdown
40dB of PSRR at 100 kHz
Over-Temperature and Over-Current Protection
TO-263 and TO-263 THIN Surface Mount Packages
Applications
Digital Core ASICs, FPGAs, and DSPs
Servers
Routers and Switches
Base Stations
Storage Area Networks
DDR2 Memory
Typical Application Circuit
20183001
© 2009 National Semiconductor Corporation
201830
www.national.com


Similar Part No. - LP38512TS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38512TS-1.8 NSC-LP38512TS-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512TS-1.8 TI1-LP38512TS-1.8 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512TS-1.8/NOPB TI-LP38512TS-1.8/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Cirrus Logic
LP38512TS-1.8EV APEX-LP38512TS-1.8EV Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
National Semiconductor ...
LP38512TSX-1.8 NSC-LP38512TSX-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results

Similar Description - LP38512TS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com