Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV028AQMA Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV028AQMA
Description  Automotive LVDS Dual Differential Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV028AQMA Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90LV028AQMA Datasheet HTML 1Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 2Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 3Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 4Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 5Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 6Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 7Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 8Page - National Semiconductor (TI) DS90LV028AQMA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
duction and signal quality. Balanced cables tend to generate
less EMI due to field canceling effects and also tend to pick
up electromagnetic radiation a common-mode (not differential
mode) noise which is rejected by the receiver.
For cable distances < 0.5M, most cables can be made to work
effectively. For distances 0.5M
d 10M, CAT 3 (category
3) twisted pair cable works well, is readily available and rela-
tively inexpensive.
Pin Descriptions
Pin No.
Name
Description
1, 4
R
IN-
Inverting receiver input pin
2, 3
R
IN+
Non-inverting receiver input pin
6, 7
R
OUT
Receiver output pin
8
V
CC
Power supply pin, +3.3V ± 0.3V
5
GND
Ground pin
Ordering Information
Operating
Package Type/
Order Number
Temperature
Number
−40°C to +85°C
SOP/M08A
DS90LV028AQMA
Typical Performance Curves
Output High Voltage vs
Power Supply Voltage
30064107
Output Low Voltage vs
Power Supply Voltage
30064108
Output Short Circuit Current vs
Power Supply Voltage
30064109
Differential Transition Voltage vs
Power Supply Voltage
30064110
5
www.national.com


Similar Part No. - DS90LV028AQMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV028AQMA/NOPB TI1-DS90LV028AQMA/NOPB Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQMA/NOPB TI1-DS90LV028AQMA/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQMA/NOPB TI1-DS90LV028AQMA/NOPB Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQMAX/NOPB TI1-DS90LV028AQMAX/NOPB Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQMAX/NOPB TI1-DS90LV028AQMAX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
More results

Similar Description - DS90LV028AQMA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LT012AQ TI1-DS90LT012AQ_15 Datasheet
776Kb / 14P
[Old version datasheet]   Automotive LVDS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AQ NSC-DS90LT012AQ Datasheet
251Kb / 8P
   Automotive LVDS Differential Line Receiver
logo
Texas Instruments
DS90LV028A-Q1 TI-DS90LV028A-Q1 Datasheet
884Kb / 20P
[Old version datasheet]   DS90LV028A-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1_V01 Datasheet
1Mb / 2P
[Old version datasheet]   DS90LV028AQ-Q1 Automotive LVDS Dual Differential Line Receiver
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com