Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4511BP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HEF4511BP
Description  BCD to 7-segment latch/decoder/driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4511BP Datasheet(HTML) 1 Page - NXP Semiconductors

  HEF4511BP Datasheet HTML 1Page - NXP Semiconductors HEF4511BP Datasheet HTML 2Page - NXP Semiconductors HEF4511BP Datasheet HTML 3Page - NXP Semiconductors HEF4511BP Datasheet HTML 4Page - NXP Semiconductors HEF4511BP Datasheet HTML 5Page - NXP Semiconductors HEF4511BP Datasheet HTML 6Page - NXP Semiconductors HEF4511BP Datasheet HTML 7Page - NXP Semiconductors HEF4511BP Datasheet HTML 8Page - NXP Semiconductors HEF4511BP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The HEF4511B is a BCD to 7-segment latch/decoder/driver with four address inputs
(D0 to D3), an active HIGH latch enable input (LE), an active LOW ripple blanking input
(BL), an active LOW lamp test input (LT), and seven active HIGH NPN bipolar transistor
segment outputs (Qa to Qg).
When LE is LOW and BL is HIGH, the state of the segment outputs (Qa to Qg) is
determined by the data on D0 to D3. When LE goes HIGH, the last data present on D0 to
D3 is stored in the latches and the segment outputs remain unchanged. When LT is LOW,
all of the segment outputs are HIGH independent of all other input conditions. With LT
HIGH, a LOW on BL forces all segment outputs LOW. The inputs LT and BL do not affect
the latch circuit.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS
(usually ground). Unused inputs must be connected to VDD, VSS, or another input. It is
also suitable for use over the industrial (
−40 °C to +85 °C) and automotive (−40 °C to
+125
°C) temperature ranges.
2.
Features
Fully static operation
5 V, 10 V, and 15 V parametric ratings
Standardized symmetrical output characteristics
Operates across the automotive temperature range
−40 °C to +125 °C
Complies with JEDEC standard JESD 13-B
3.
Applications
Automotive and industrial
4.
Ordering information
HEF4511B
BCD to 7-segment latch/decoder/driver
Rev. 06 — 7 December 2009
Product data sheet
Table 1.
Ordering information
All types operate from
40 °C to +125 °C.
Type number
Package
Name
Description
Version
HEF4511BP
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
HEF4511BT
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1


Similar Part No. - HEF4511BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511BP PHILIPS-HEF4511BP Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
HEF4511BPN PHILIPS-HEF4511BPN Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
More results

Similar Description - HEF4511BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com