Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA2001U10AC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA2001U10AC
Description  32 kHz watch circuit with programmable adaptive motor pulse
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2001U10AC Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA2001U10AC Datasheet HTML 1Page - NXP Semiconductors PCA2001U10AC Datasheet HTML 2Page - NXP Semiconductors PCA2001U10AC Datasheet HTML 3Page - NXP Semiconductors PCA2001U10AC Datasheet HTML 4Page - NXP Semiconductors PCA2001U10AC Datasheet HTML 5Page - NXP Semiconductors PCA2001U10AC Datasheet HTML 6Page - NXP Semiconductors PCA2001U10AC Datasheet HTML 7Page - NXP Semiconductors PCA2001U10AC Datasheet HTML 8Page - NXP Semiconductors PCA2001U10AC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
PCA2000_2001
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 23 August 2010
5 of 30
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
Therefore it is possible to program a larger energy gap between the pulses with step
detection and the strongest, not monitored, pulse. This might be necessary to ensure a
reliable and stable operation under adverse conditions (magnetic fields and vibrations). If
the watch works in the highest driving stage, the driving level jumps after the 4-minute
period directly to the lowest stage, and not just one stage lower.
To optimize the performance for different motors, the following parameters can be
programmed:
Pulse width: 0.98 ms to 7.8 ms in steps of 0.98 ms
Duty cycle of lowest driving level: 37.5 % to 56.25 % in steps of 6.25 %
Number of driving levels (including the highest driving level): 3 to 6
Duty cycle of the highest driving level: 75 % or 100 %
Enlargement pulse for the highest driving level: on or off
The enlargement pulse has a duty cycle of 25 % and a pulse width which is twice the
programmed motor pulse width. The repetition period for the chopping pattern is 0.98 ms.
Figure 4 shows an example of a 3.9 ms pulse.
Fig 4.
Possible modulations for a 3.9 ms motor pulse
43.75 %
37.5 %
DUTY CYCLE
50 %
56.25 %
62.5 %
68.75 %
75 %
81.25 %
100 %
mgw351
0.244 ms
0.122 ms
0.98 ms
0.98 ms
0.98 ms
0.98 ms


Similar Part No. - PCA2001U10AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2001U PHILIPS-PCA2001U Datasheet
120Kb / 19P
   32 kHz watch circuit with programmable adaptive motor pulse
2003 Dec 17
PCA2001U/10AB NXP-PCA2001U/10AB Datasheet
140Kb / 28P
   32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
PCA2001U/AB NXP-PCA2001U/AB Datasheet
140Kb / 28P
   32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
More results

Similar Description - PCA2001U10AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2000 PHILIPS-PCA2000 Datasheet
120Kb / 19P
   32 kHz watch circuit with programmable adaptive motor pulse
2003 Dec 17
PCA2001 NXP-PCA2001 Datasheet
140Kb / 28P
   32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
PCA2003 NXP-PCA2003 Datasheet
108Kb / 21P
   32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 01-15 December 2008
PCA2003 NXP-PCA2003_09 Datasheet
118Kb / 21P
   32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 02-21 July 2009
PCA146X NXP-PCA146X Datasheet
115Kb / 24P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA1461U NXP-PCA1461U Datasheet
100Kb / 24P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA148X NXP-PCA148X Datasheet
104Kb / 20P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA2002 PHILIPS-PCA2002 Datasheet
124Kb / 20P
   32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
PCA2002 NXP-PCA2002 Datasheet
124Kb / 25P
   32 kHz watch circuit with programmable output period and pulse width
Rev. 05-11 November 2008
PCA16XX NXP-PCA16XX Datasheet
81Kb / 16P
   32 kHz watch circuits with EEPROM
1997 Dec 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com