Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP202-12M-2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PIP202-12M-2
Description  DC-to-DC converter powertrain
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIP202-12M-2 Datasheet(HTML) 5 Page - NXP Semiconductors

  PIP202-12M-2 Datasheet HTML 1Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 2Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 3Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 4Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 5Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 6Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 7Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 8Page - NXP Semiconductors PIP202-12M-2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Philips Semiconductors
PIP202-12M-2
DC-to-DC converter powertrain
Product data
Rev. 02 — 24 November 2003
5 of 20
9397 750 11943
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.4 3-state function
If the input from the PWM controller becomes high impedance (3-state) for longer
than td(3-state), then both MOSFETs are turned off and the VI input is driven to 2.5 V
by an internal 2 x 10 k
Ω resistor voltage divider between an internal 5 V reference
and ground. Once the VI input is outside the 3-state window for longer than td(3-state)
normal operation will commence.
8.
Limiting values
[1]
Pulse width and repetition rate limited by maximum value of Tj.
[2]
Assumes a thermal resistance from junction to printed-circuit board of 5 K/W.
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDC
control circuit supply voltage
−0.5
15
V
VDDO
output stage supply voltage
−0.5
25
V
VI
input voltage
−0.5
5.25
V
VO
output voltage
−0.5
VDDO + 0.5 V
VCB
bootstrap voltage
−0.5
VO +15
V
IO(AV)
average output current
VDDC =12V; Tpcb ≤ 110 °C;
Figure 5
-25
A
IORM
repetitive peak output current
VDDC =12V; tp ≤ 10 µs
[1]
-
200
A
Ptot
total power dissipation
Tpcb =25 °C
[2]
-25
W
Tpcb =90 °C
[2]
-12
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+150
°C
VDDC =12V; VDDO = 12 V; fi = 500 kHz; VO = 1.6 V.
Fig 5.
Average output current as a function of printed-circuit board temperature.
03ag41
0
10
20
30
0
50
100
150
Tpcb (°C)
IO(AV)
(A)


Similar Part No. - PIP202-12M-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP202-12M PHILIPS-PIP202-12M Datasheet
156Kb / 20P
   DC to DC converter powertrain
Rev. 01-15 July 2002
More results

Similar Description - PIP202-12M-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP201-12M-3 PHILIPS-PIP201-12M-3 Datasheet
345Kb / 20P
   DC-to-DC converter powertrain
Rev. 03-19 November 2003
PIP212-12M PHILIPS-PIP212-12M Datasheet
135Kb / 21P
   DC-to-DC converter powertrain
Rev. 02-2 March 2005
PIP202-12M PHILIPS-PIP202-12M Datasheet
156Kb / 20P
   DC to DC converter powertrain
Rev. 01-15 July 2002
PIP212-12M NXP-PIP212-12M Datasheet
148Kb / 21P
   DC-to-DC converter powertrain
Rev. 04-23 October 2006
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
   DC TO DC CONVERTER
PTCPDC-12-34 TAB-PTCPDC-12-34 Datasheet
266Kb / 2P
   DC TO DC CONVERTER
XTCPDC-RK-12-34 TAB-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
   DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
   DC TO DC CONVERTER
XTCPDC-RK-12-34 TECHNOLOGY-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
   DC TO DC CONVERTER
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com