Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK963R2-40B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK963R2-40B
Description  TrenchMOS logic level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK963R2-40B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK963R2-40B Datasheet HTML 4Page - NXP Semiconductors BUK963R2-40B Datasheet HTML 5Page - NXP Semiconductors BUK963R2-40B Datasheet HTML 6Page - NXP Semiconductors BUK963R2-40B Datasheet HTML 7Page - NXP Semiconductors BUK963R2-40B Datasheet HTML 8Page - NXP Semiconductors BUK963R2-40B Datasheet HTML 9Page - NXP Semiconductors BUK963R2-40B Datasheet HTML 10Page - NXP Semiconductors BUK963R2-40B Datasheet HTML 11Page - NXP Semiconductors BUK963R2-40B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
BUK95/96/9E3R2-40B
TrenchMOS™ logic level FET
Product data
Rev. 04 — 14 November 2003
8 of 16
9397 750 12049
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
ID = 1 mA; VDS =VGS
Tj =25 °C; VDS =VGS
Fig 9.
Gate-source threshold voltage as a function of
junction temperature.
Fig 10. Sub-threshold drain current as a function of
gate-source voltage.
Tj =25 °C; VDS =25V
VGS = 0 V; f = 1 MHz
Fig 11. Forward transconductance as a function of
drain current; typical values.
Fig 12. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values.
03ng52
0.0
0.5
1.0
1.5
2.0
2.5
-60
0
60
120
180
Tj (°C)
VGS(th)
(V)
max
typ
min
03ng53
10-6
10-5
10-4
10
-3
10-2
10-1
0
0.5
1
1.5
2
2.5
3
VGS (V)
ID
(A)
max
typ
min
03nh53
0
50
100
150
200
020
40
60
ID (A)
gfs
(S)
03nh58
0
4000
8000
12000
10-1
1
10
102
VDS (V)
C
(pF)
Ciss
Coss
Crss


Similar Part No. - BUK963R2-40B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK963R2-40B ISC-BUK963R2-40B Datasheet
355Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK963R2-40B NEXPERIA-BUK963R2-40B Datasheet
734Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
logo
NXP Semiconductors
BUK963R2-40B PHILIPS-BUK963R2-40B_15 Datasheet
276Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
More results

Similar Description - BUK963R2-40B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com