Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9E04-30B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK9E04-30B
Description  TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9E04-30B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK9E04-30B Datasheet HTML 5Page - NXP Semiconductors BUK9E04-30B Datasheet HTML 6Page - NXP Semiconductors BUK9E04-30B Datasheet HTML 7Page - NXP Semiconductors BUK9E04-30B Datasheet HTML 8Page - NXP Semiconductors BUK9E04-30B Datasheet HTML 9Page - NXP Semiconductors BUK9E04-30B Datasheet HTML 10Page - NXP Semiconductors BUK9E04-30B Datasheet HTML 11Page - NXP Semiconductors BUK9E04-30B Datasheet HTML 12Page - NXP Semiconductors BUK9E04-30B Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
BUK9E04-30B
TrenchMOS™ logic level FET
Product data
Rev. 01 — 14 November 2003
9 of 13
9397 750 12108
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
VDS =25V
Tj =25 °C; ID =25A
Fig 13. Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Fig 14. Gate-source voltage as a function of gate
charge; typical values.
VGS =0V
Fig 15. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
03no68
0
25
50
75
100
01
23
VGS (V)
ID
(A)
Tj = 175 °C
Tj = 25 °C
03no66
0
1
2
3
4
5
0
204060
QG (nC)
VGS
(V)
VDD = 14 V
VDD = 24 V
03no65
0
25
50
75
100
0.0
0.2
0.4
0.6
0.8
1.0
VSD (V)
IS
(A)
Tj = 175 °C
Tj = 25 °C


Similar Part No. - BUK9E04-30B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK9E04-30B ISC-BUK9E04-30B Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9E04-30B NEXPERIA-BUK9E04-30B Datasheet
474Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 16 February 2011
More results

Similar Description - BUK9E04-30B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com