Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS304NX Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS304NX
Description  60 V, 4.7 A NPN low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS304NX Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS304NX Datasheet HTML 1Page - NXP Semiconductors PBSS304NX Datasheet HTML 2Page - NXP Semiconductors PBSS304NX Datasheet HTML 3Page - NXP Semiconductors PBSS304NX Datasheet HTML 4Page - NXP Semiconductors PBSS304NX Datasheet HTML 5Page - NXP Semiconductors PBSS304NX Datasheet HTML 6Page - NXP Semiconductors PBSS304NX Datasheet HTML 7Page - NXP Semiconductors PBSS304NX Datasheet HTML 8Page - NXP Semiconductors PBSS304NX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PBSS304NX_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 November 2009
3 of 15
NXP Semiconductors
PBSS304NX
60 V, 4.7 A NPN low VCEsat (BISS) transistor
5.
Limiting values
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage
open base
-
60
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
4.7
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-9.4
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -0.6
W
[2] -1.65
W
[3] -2.1
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 6 cm2
(3) FR4 PCB, standard footprint
Fig 1.
Power derating curves
006aaa556
Tamb (°C)
−75
175
125
25
75
−25
1.0
0.5
1.5
2.0
2.5
Ptot
(W)
0
(3)
(2)
(1)


Similar Part No. - PBSS304NX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS304NX NEXPERIA-PBSS304NX Datasheet
333Kb / 16P
   60 V, 4.7 A NPN low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
More results

Similar Description - PBSS304NX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS304NX NEXPERIA-PBSS304NX Datasheet
333Kb / 16P
   60 V, 4.7 A NPN low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
PBSS4032NX NEXPERIA-PBSS4032NX Datasheet
744Kb / 15P
   30 V, 4.7 A NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
   60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160V PHILIPS-PBSS4160V_15 Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4041NT PHILIPS-PBSS4041NT_15 Datasheet
189Kb / 14P
   60 V, 3.8 A NPN low VCEsat (BISS) transistor
Rev. 01-31 January 2010
PBSS4041NX PHILIPS-PBSS4041NX_15 Datasheet
254Kb / 14P
   60 V, 6.2 A NPN low VCEsat (BISS) transistor
11 December 2012
PBSS4160V NXP-PBSS4160V Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4260QA NXP-PBSS4260QA Datasheet
252Kb / 17P
   60 V, 2 A NPN low VCEsat (BISS) transistor
28 August 2013
logo
Nexperia B.V. All right...
PBSS4160QA NEXPERIA-PBSS4160QA Datasheet
744Kb / 17P
   60 V, 1 A NPN low VCEsat (BISS) transistor
23 August 2013
PBSS4160U NEXPERIA-PBSS4160U Datasheet
324Kb / 15P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com