Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4160U Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS4160U
Description  60 V, 1 A NPN low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4160U Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS4160U Datasheet HTML 1Page - NXP Semiconductors PBSS4160U Datasheet HTML 2Page - NXP Semiconductors PBSS4160U Datasheet HTML 3Page - NXP Semiconductors PBSS4160U Datasheet HTML 4Page - NXP Semiconductors PBSS4160U Datasheet HTML 5Page - NXP Semiconductors PBSS4160U Datasheet HTML 6Page - NXP Semiconductors PBSS4160U Datasheet HTML 7Page - NXP Semiconductors PBSS4160U Datasheet HTML 8Page - NXP Semiconductors PBSS4160U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PBSS4160U_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 11 December 2009
3 of 14
NXP Semiconductors
PBSS4160U
60 V, 1 A NPN low VCEsat (BISS) transistor
5.
Limiting values
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
80
V
VCEO
collector-emitter voltage
open base
-
60
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current (DC)
[1] -750
mA
[2] -930
mA
[3] -1
A
ICM
peak collector current
single pulse; tp ≤ 1ms
-
2
A
IB
base current (DC)
-
300
mA
IBM
peak base current
single pulse; tp ≤ 1ms
-
1
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -250
mW
[2] -350
mW
[3] -415
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
(1) Ceramic PCB, Al2O3, standard footprint
(2) FR4 PCB, mounting pad for collector 1 cm2
(3) FR4 PCB, standard footprint
Fig 1.
Power derating curves
006aaa501
Tamb (°C)
0
160
120
40
80
0.2
0.3
0.1
0.4
0.5
Ptot
(W)
0
(3)
(2)
(1)


Similar Part No. - PBSS4160U

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4160U NEXPERIA-PBSS4160U Datasheet
324Kb / 15P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
logo
NXP Semiconductors
PBSS4160U PHILIPS-PBSS4160U_15 Datasheet
211Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
More results

Similar Description - PBSS4160U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
   60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160V PHILIPS-PBSS4160V_15 Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4160V NXP-PBSS4160V Datasheet
166Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
logo
Nexperia B.V. All right...
PBSS4160QA NEXPERIA-PBSS4160QA Datasheet
744Kb / 17P
   60 V, 1 A NPN low VCEsat (BISS) transistor
23 August 2013
PBSS4160U NEXPERIA-PBSS4160U Datasheet
324Kb / 15P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
PBSS4160V NEXPERIA-PBSS4160V Datasheet
251Kb / 12P
   60 V, 1 A NPN low VCEsat (BISS) transistor
28 December 2022
logo
NXP Semiconductors
PBSS4160V PHILIPS-PBSS4160V Datasheet
101Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 02-31 January 2005
PBSS4160QA NXP-PBSS4160QA Datasheet
266Kb / 17P
   60 V, 1 A NPN low VCEsat (BISS) transistor
23 August 2013
logo
Nexperia B.V. All right...
PBSS4160X NEXPERIA-PBSS4160X Datasheet
221Kb / 12P
   60 V, 1 A NPN low VCEsat BISS transistor
logo
NXP Semiconductors
PBSS4160U PHILIPS-PBSS4160U_15 Datasheet
211Kb / 14P
   60 V, 1 A NPN low VCEsat (BISS) transistor
Rev. 03-11 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com