Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX100A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZX100A
Description  Single Zener diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX100A Datasheet(HTML) 4 Page - NXP Semiconductors

  BZX100A Datasheet HTML 1Page - NXP Semiconductors BZX100A Datasheet HTML 2Page - NXP Semiconductors BZX100A Datasheet HTML 3Page - NXP Semiconductors BZX100A Datasheet HTML 4Page - NXP Semiconductors BZX100A Datasheet HTML 5Page - NXP Semiconductors BZX100A Datasheet HTML 6Page - NXP Semiconductors BZX100A Datasheet HTML 7Page - NXP Semiconductors BZX100A Datasheet HTML 8Page - NXP Semiconductors BZX100A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BZX100A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 May 2007
4 of 10
NXP Semiconductors
BZX100A
Single Zener diode
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 10 mA
-
-
0.9
V
IF = 100 mA
-
-
1.1
V
VZ
working voltage
IZ = 1 mA
95
-
105
V
rdif
differential resistance
IZ = 1 mA
-
-
700
IR
reverse current
VR = 76 V
-
-
0.2
µA
SZ
temperature coefficient
IZ = 1 mA
-
138
-
mV/K
Cd
diode capacitance
f = 1 MHz;
VR =0V
--70
pF
Tj =25 °C (prior to surge)
Tj =25 °C
Fig 2.
Non-repetitive peak reverse power dissipation
as a function of pulse duration; maximum
values
Fig 3.
Forward current as a function of forward
voltage; typical values
tp (s)
10−5
10−2
10−3
10−4
006aab048
102
10
103
PZSM
(W)
1
VF (V)
0.6
1.0
0.9
0.7
0.8
006aab049
100
200
300
IF
(mA)
0


Similar Part No. - BZX100A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
BZX100A LINER-BZX100A Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
Nexperia B.V. All right...
BZX100A NEXPERIA-BZX100A Datasheet
1Mb / 10P
   Single Zener diode
Rev. 01 - 30 May 2007
More results

Similar Description - BZX100A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST02-280F1 SHINDENGEN-ST02-280F1 Datasheet
159Kb / 4P
   Single Zener Diode
ST04-20F1 SHINDENGEN-ST04-20F1 Datasheet
158Kb / 4P
   Single Zener Diode
ST20-30F2 SHINDENGEN-ST20-30F2 Datasheet
151Kb / 4P
   Single Zener Diode
ST02-200F1 SHINDENGEN-ST02-200F1 Datasheet
159Kb / 4P
   Single Zener Diode
ST04-30F1 SHINDENGEN-ST04-30F1 Datasheet
158Kb / 4P
   Single Zener Diode
ST04-12F1 SHINDENGEN-ST04-12F1 Datasheet
160Kb / 4P
   Single Zener Diode
ST04-36F1 SHINDENGEN-ST04-36F1 Datasheet
191Kb / 4P
   Single Zener Diode
logo
Nexperia B.V. All right...
BZX100A NEXPERIA-BZX100A Datasheet
1Mb / 10P
   Single Zener diode
Rev. 01 - 30 May 2007
logo
Shindengen Electric Mfg...
ST20-27F2 SHINDENGEN-ST20-27F2 Datasheet
151Kb / 4P
   Single Zener Diode
ST20-36F2 SHINDENGEN-ST20-36F2 Datasheet
151Kb / 4P
   Single Zener Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com