Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1202R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF1202R
Description  N-channel dual-gate PoLo MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1202R Datasheet(HTML) 4 Page - NXP Semiconductors

  BF1202R Datasheet HTML 1Page - NXP Semiconductors BF1202R Datasheet HTML 2Page - NXP Semiconductors BF1202R Datasheet HTML 3Page - NXP Semiconductors BF1202R Datasheet HTML 4Page - NXP Semiconductors BF1202R Datasheet HTML 5Page - NXP Semiconductors BF1202R Datasheet HTML 6Page - NXP Semiconductors BF1202R Datasheet HTML 7Page - NXP Semiconductors BF1202R Datasheet HTML 8Page - NXP Semiconductors BF1202R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2010 Sep 16
4
NXP Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1202; BF1202R; BF1202WR
STATIC CHARACTERISTICS
Tj =25 C unless otherwise specified.
Note
1. RG1 connects G1 to VGG =5V.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 C; VG2-S =4V; VDS =5V; ID = 12 mA; unless otherwise specified.
Note
1. Measured in Fig.21 test circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VG1-S =VG2-S =0; ID =10 A10
V
V(BR)G1-SS gate 1-source breakdown voltage
VG2-S =VDS =0; IG1-S =10mA
6
V
V(BR)G2-SS gate 2-source breakdown voltage
VG1-S =VDS =0; IG2-S =10mA
6
V
V(F)S-G1
forward source-gate 1 voltage
VG2-S =VDS =0; IS-G1 =10mA
0.5
1.5
V
V(F)S-G2
forward source-gate 2 voltage
VG1-S =VDS =0; IS-G2 =10mA
0.5
1.5
V
VG1-S(th)
gate 1-source threshold voltage
VG2-S =4V; VDS =5V; ID =100 A0.3
1.0
V
VG2-S(th)
gate 2-source threshold voltage
VG1-S =5V; VDS =5V; ID =100 A0.3
1.2
V
IDSX
drain-source current
VG2-S =4V; VDS =5V; RG1 =120 k;
note 1
816
mA
IG1-SS
gate 1 cut-off current
VG2-S =VDS =0; VG1-S =5V
50
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS =0; VG2-S =4V
20
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
pulsed; Tj =25 C
25
3040mS
Cig1-ss
input capacitance at gate 1
f = 1 MHz
1.7
2.2
pF
Cig2-ss
input capacitance at gate 2
f = 1 MHz
1
pF
Coss
output capacitance
f = 1 MHz
0.85
pF
Crss
reverse transfer capacitance f = 1 MHz
15
30
fF
F
noise figure
f = 10.7 MHz; GS =20mS; BS =0
911
dB
f= 400MHz; YS =YSopt
0.9
1.5
dB
f= 800MHz; YS =YSopt
1.1
1.8
dB
Gtr
power gain
f = 200 MHz; GS =2mS; BS =BSopt;
GL = 0.5 mS; BL =BLopt
34.5
dB
f= 400MHz; GS =2mS; BS =BSopt;
GL =1mS; BL =BLopt
30.5
dB
f= 800MHz; GS = 3.3 mS; BS =BSopt;
GL =1mS; BL =BLopt
26.5
dB
Xmod
cross-modulation
input level for k = 1%; fw =50MHz;
funw =60MHz; note1
at 0 dB AGC
90

dB
V
at 10 dB AGC
92
dB
V
at 40 dB AGC
100
105
dB
V


Similar Part No. - BF1202R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1202R PHILIPS-BF1202R Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202R NXP-BF1202R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1202R NXP-BF1202R Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
More results

Similar Description - BF1202R

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1201 PHILIPS-BF1201 Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 PHILIPS-BF1202 Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201_2015 JMNIC-BF1201_2015 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202.215 NXP-BF1202.215 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com