Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC573PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHC573PW
Description  Octal D-type transparant latch; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC573PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC573PW Datasheet HTML 3Page - NXP Semiconductors 74AHC573PW Datasheet HTML 4Page - NXP Semiconductors 74AHC573PW Datasheet HTML 5Page - NXP Semiconductors 74AHC573PW Datasheet HTML 6Page - NXP Semiconductors 74AHC573PW Datasheet HTML 7Page - NXP Semiconductors 74AHC573PW Datasheet HTML 8Page - NXP Semiconductors 74AHC573PW Datasheet HTML 9Page - NXP Semiconductors 74AHC573PW Datasheet HTML 10Page - NXP Semiconductors 74AHC573PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74AHC_AHCT573_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 March 2010
7 of 19
NXP Semiconductors
74AHC573; 74AHCT573
Octal D-type transparant latch; 3-state
IOZ
OFF-state
output current
VI =VIH or VIL;
VO =VCC or GND;
VCC =5.5 V
--
±0.25
-
±2.5
-
-
±10.0 μA
II
input leakage
current
VI =VCC or GND;
VCC =0Vto 5.5V
-
-
0.1
-
1.0
-
-
2.0
μA
ICC
supply current VI =VCC or GND; IO =0A;
VCC =5.5 V
-
-
4.0
-
40
-
-
80
μA
CI
input
capacitance
VI =VCC or GND
-
3
10
-
10
-
-
10
pF
CO
output
capacitance
-4
-
-
-
-
-
10
pF
74AHCT573
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −50 μA
4.4
4.5
-
4.4
-
4.4
-
-
V
IO = −8.0 mA
3.94
-
-
3.80
-
3.70
-
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 50 μA-
0
0.1
-
0.1
-
-
0.1
V
IO = 8.0 mA
-
-
0.36
-
0.44
-
-
0.55
V
IOZ
OFF-state
output current
VI =VIH or VIL;
VO =VCC or GND per input
pin; other inputs at VCC or
GND; IO =0 A
--
±0.25
-
±2.5
-
-
±10.0 μA
II
input leakage
current
VI = 5.5 V or GND;
VCC =0Vto 5.5V
-
-
0.1
-
1.0
-
-
2.0
μA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC =5.5 V
-
-
4.0
-
40
-
-
80
μA
ΔI
CC
additional
supply current
per input pin;
VI =VCC − 2.1 V; IO =0 A;
other pins at VCC or GND;
VCC = 4.5 V to 5.5 V
-
-
1.35
-
1.5
-
-
1.5
mA
CI
input
capacitance
VI =VCC or GND
-
3
10
-
10
-
-
10
pF
CO
output
capacitance
-4
-
-
-
-
-
10
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Typ
Max


Similar Part No. - 74AHC573PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC573PW PHILIPS-74AHC573PW Datasheet
91Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Sep 27
74AHC573PW PHILIPS-74AHC573PW Datasheet
138Kb / 23P
   Octal D-type transparent latch; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74AHC573PW NEXPERIA-74AHC573PW Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHC573PW-Q100 NEXPERIA-74AHC573PW-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
74AHC573PW-Q100 NEXPERIA-74AHC573PW-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
More results

Similar Description - 74AHC573PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com