Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBHV9040Z Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBHV9040Z
Description  500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBHV9040Z Datasheet(HTML) 5 Page - NXP Semiconductors

  PBHV9040Z Datasheet HTML 1Page - NXP Semiconductors PBHV9040Z Datasheet HTML 2Page - NXP Semiconductors PBHV9040Z Datasheet HTML 3Page - NXP Semiconductors PBHV9040Z Datasheet HTML 4Page - NXP Semiconductors PBHV9040Z Datasheet HTML 5Page - NXP Semiconductors PBHV9040Z Datasheet HTML 6Page - NXP Semiconductors PBHV9040Z Datasheet HTML 7Page - NXP Semiconductors PBHV9040Z Datasheet HTML 8Page - NXP Semiconductors PBHV9040Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PBHV9040Z_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2009
5 of 12
NXP Semiconductors
PBHV9040Z
500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −320 V; IE =0A
-
-
−100 nA
VCB = −320 V; IE =0A;
Tj = 150 °C
--
−10
µA
ICES
collector-emitter
cut-off current
VCE = −320 V; VBE =0V
-
-
−100 nA
IEBO
emitter-base cut-off
current
VEB = −4 V; IC =0A
-
-
−100 nA
hFE
DC current gain
VCE = −10 V
IC = −50 mA
100
200
-
IC = −100 mA
80
200
-
IC = −250 mA
[1] 10
25
-
VCEsat
collector-emitter
saturation voltage
IC = −100 mA; IB = −20 mA
-
−110 −200 mV
VBEsat
base-emitter
saturation voltage
IC = −100 mA; IB = −20 mA
[1] -
−1
−1.1
V
fT
transition frequency
VCE = −10 V; IE = −10 mA;
f = 100 MHz
-
55
-
MHz
Cc
collector capacitance
VCB = −20 V; IE =ie =0A;
f=1MHz
-7
-pF
Ce
emitter capacitance
VEB = −0.5 V; IC =ic =0A;
f=1MHz
-
150
-
pF
td
delay time
VCC = −2 V; IC = −0.15 A;
IBon = −0.03 A;
IBoff = 0.03 A
-9
-ns
tr
rise time
-
1810
-
ns
ton
turn-on time
-
1819
-
ns
ts
storage time
-
715
-
ns
tf
fall time
-
1085
-
ns
toff
turn-off time
-
1800
-
ns


Similar Part No. - PBHV9040Z

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBHV9040Z NEXPERIA-PBHV9040Z Datasheet
252Kb / 13P
   500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 02 - 15 January 2009
More results

Similar Description - PBHV9040Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBHV9040T NXP-PBHV9040T_09 Datasheet
125Kb / 12P
   500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 02-15 January 2009
logo
Nexperia B.V. All right...
PBHV9040X NEXPERIA-PBHV9040X Datasheet
369Kb / 15P
   500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBHV9040T NXP-PBHV9040T Datasheet
115Kb / 12P
   500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 01-13 February 2008
logo
Nexperia B.V. All right...
PBHV9040Z NEXPERIA-PBHV9040Z Datasheet
252Kb / 13P
   500 V, 0.25 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 02 - 15 January 2009
PBHV9040T-Q NEXPERIA-PBHV9040T-Q Datasheet
268Kb / 12P
   500 V, 0.25 A PNP high-voltage low VCEsat transistor
22 March 2022
PBHV9040T NEXPERIA-PBHV9040T Datasheet
285Kb / 12P
   500 V, 0.25 A PNP high-voltage low VCEsat transistor
1 January 2023
PBHV9540Z NEXPERIA-PBHV9540Z Datasheet
271Kb / 13P
   500 V, 0.5 A PNP high-voltage low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBHV9050T NXP-PBHV9050T Datasheet
97Kb / 12P
   500 V, 150 mA PNP high-voltage low VCEsat (BISS) transistor
Rev. 01-16 September 2009
logo
Nexperia B.V. All right...
PBHV9050Z NEXPERIA-PBHV9050Z Datasheet
459Kb / 14P
   500 V, 250 mA PNP high-voltage low VCEsat (BISS) transistor
PBHV9515QA NEXPERIA-PBHV9515QA Datasheet
731Kb / 17P
   150 V, 500 mA PNP high-voltage low VCEsat (BISS) transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com