Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC595D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHC595D
Description  NPN general-purpose double transistors output latches; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC595D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC595D Datasheet HTML 5Page - NXP Semiconductors 74AHC595D Datasheet HTML 6Page - NXP Semiconductors 74AHC595D Datasheet HTML 7Page - NXP Semiconductors 74AHC595D Datasheet HTML 8Page - NXP Semiconductors 74AHC595D Datasheet HTML 9Page - NXP Semiconductors 74AHC595D Datasheet HTML 10Page - NXP Semiconductors 74AHC595D Datasheet HTML 11Page - NXP Semiconductors 74AHC595D Datasheet HTML 12Page - NXP Semiconductors 74AHC595D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74AHC_AHCT595_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 August 2009
9 of 21
NXP Semiconductors
74AHC595; 74AHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
11. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
74AHC595
tpd
propagation
delay
SHCP to Q7S; see Figure 8
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.7
13.0
1.0
15.0
1.0
16.5
ns
CL = 50 pF
-
7.7
16.5
1.0
18.5
1.0
20.1
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.0
8.2
1.0
9.4
1.0
10.5
ns
CL = 50 pF
-
5.4
10.0
1.0
11.4
1.0
12.5
ns
STCP to Qn; see Figure 9
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.9
11.9
1.0
13.5
1.0
15.0
ns
CL = 50 pF
-
7.7
15.4
1.0
17.0
1.0
18.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.2
7.4
1.0
8.5
1.0
9.5
ns
CL = 50 pF
-
5.5
9.0
1.0
10.5
1.0
11.5
ns
MR to Q7S; see Figure 11
[3]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.9
12.8
1.0
13.7
1.0
15.0
ns
CL = 50 pF
-
7.4
16.3
1.0
17.2
1.0
18.7
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.4
8.0
1.0
9.1
1.0
10.0
ns
CL = 50 pF
-
5.6
10.0
1.0
11.1
1.0
12.0
ns
ten
enable time
OE to Qn; see Figure 12
[4]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.6
11.5
1.0
13.5
1.0
15.0
ns
CL = 50 pF
-
7.4
15.0
1.0
17.0
1.0
18.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.0
8.6
1.0
10.0
1.0
11.0
ns
CL = 50 pF
-
5.3
10.6
1.0
12.0
1.0
13.0
ns
tdis
disable time OE to Qn; see Figure 12
[5]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.4
11.0
1.0
13.0
1.0
14.5
ns
CL = 50 pF
-
8.7
15.7
1.0
16.2
1.0
17.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.8
8.0
1.0
9.5
1.0
10.5
ns
CL = 50 pF
-
5.8
10.3
1.0
11.0
1.0
12.0
ns


Similar Part No. - 74AHC595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595D PHILIPS-74AHC595D Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
logo
Nexperia B.V. All right...
74AHC595D NEXPERIA-74AHC595D Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
74AHC595D-Q100 NEXPERIA-74AHC595D-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results

Similar Description - 74AHC595D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Nexperia B.V. All right...
BCV61 NEXPERIA-BCV61 Datasheet
2Mb / 13P
   NPN general-purpose double transistors
Rev. 04 - 18 December 2009
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63 Datasheet
46Kb / 8P
   NPN general purpose double transistors
1999 May 21
logo
Nexperia B.V. All right...
BCV63 NEXPERIA-BCV63 Datasheet
949Kb / 12P
   NPN general-purpose double transistors
Rev. 4 - 4 August 2010
logo
NXP Semiconductors
BCV63 NXP-BCV63_10 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
PUMX2 PHILIPS-PUMX2 Datasheet
55Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 01-10 November 2005
PUMX2 NXP-PUMX2 Datasheet
103Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 02-17 November 2009
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
   NPN/NPN general purpose double transistors
25 June 2019
PUMX2 NEXPERIA-PUMX2 Datasheet
218Kb / 9P
   NPN/NPN general-purpose double transistors
Rev. 02 - 17 November 2009
logo
NXP Semiconductors
BCV61 PHILIPS-BCV61_15 Datasheet
147Kb / 13P
   NPN general-purpose double transistors
Rev. 04-18 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com