Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT3253AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CBT3253AD
Description  Dual 1-of-4 FET multiplexer/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBT3253AD Datasheet(HTML) 4 Page - NXP Semiconductors

  CBT3253AD Datasheet HTML 1Page - NXP Semiconductors CBT3253AD Datasheet HTML 2Page - NXP Semiconductors CBT3253AD Datasheet HTML 3Page - NXP Semiconductors CBT3253AD Datasheet HTML 4Page - NXP Semiconductors CBT3253AD Datasheet HTML 5Page - NXP Semiconductors CBT3253AD Datasheet HTML 6Page - NXP Semiconductors CBT3253AD Datasheet HTML 7Page - NXP Semiconductors CBT3253AD Datasheet HTML 8Page - NXP Semiconductors CBT3253AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CBT3253A_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 8 February 2007
4 of 17
NXP Semiconductors
CBT3253A
Dual 1-of-4 FET multiplexer/demultiplexer
6.
Functional description
Refer to Figure 1 “Logic diagram of CBT3253A (positive logic)”
6.1 Function selection
7.
Limiting values
[1]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings
are observed.
8.
Recommended operating conditions
Table 3.
Function selection
H = HIGH state; L = LOW state; X = Don’t Care
Inputs
Function
1OE
2OE
S1
S0
X
H
X
X
disconnect 1A and 2A
H
X
X
X
disconnect 1A and 2A
LLLL1A to 1B1 and 2A to 2B1
LLLH
1A to 1B2 and 2A to 2B2
L
L
H
L
1A to 1B3 and 2A to 2B3
L
L
H
H
1A to 1B4 and 2A to 2B4
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5[1]
+7.0
V
ICCC
continuous current through
each VCC or GND pin
-
128
mA
IIK
input clamping current
VI <0V
-
−50
mA
Tstg
storage temperature
−65
+150
°C
Table 5.
Operating conditions
All unused control inputs of the device must be held at VCC or GND to ensure proper device
operation.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
-
5.5
V
VIH
HIGH-level input voltage
2
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
Tamb
ambient temperature
operating in free air
−40
-
+85
°C


Similar Part No. - CBT3253AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3253AD NXP-CBT3253AD Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
logo
Nexperia B.V. All right...
CBT3253AD NEXPERIA-CBT3253AD Datasheet
237Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 6 - 25 February 2021
logo
NXP Semiconductors
CBT3253ADB NXP-CBT3253ADB Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253ADS NXP-CBT3253ADS Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
logo
Nexperia B.V. All right...
CBT3253ADS NEXPERIA-CBT3253ADS Datasheet
237Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 6 - 25 February 2021
More results

Similar Description - CBT3253AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com